Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4425 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4425
Description  Electroluminescent Lamp Driver Low Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4425 Datasheet HTML 1Page - Sipex Corporation SP4425 Datasheet HTML 2Page - Sipex Corporation SP4425 Datasheet HTML 3Page - Sipex Corporation SP4425 Datasheet HTML 4Page - Sipex Corporation SP4425 Datasheet HTML 5Page - Sipex Corporation SP4425 Datasheet HTML 6Page - Sipex Corporation SP4425 Datasheet HTML 7Page - Sipex Corporation SP4425 Datasheet HTML 8Page - Sipex Corporation SP4425 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SP4425DS/20
SP4425 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
3
(T= 25
°C; V
DD = 3.0V; Lamp Capacitance = 4nF with 100Ω Series resistance; Coil = 2mH/44ohms; COSC = 180pF, CINT = 470pF unless otherwise noted)
V
SS
HON
D1
Coil
C
OSC
73 x 46
MS666
EL2
V
DD
EL1
NOTES:
1. Dimensions are in Microns unless otherwise noted.
2. Bonding pads are 125x125 typical.
3. Outside dimensions are maximum, including scribe area.
4. Die thickness is 10 mils +/- 1.
5. Pad center coordinates are relative to die center.
6. Die size 74 x 44 mils.
This data sheet specifies environmental parameters, final test conditions and limits as well suggested operating conditions.
For applications which require performance beyond the specified condition and or limits please consult the factory.
Bonding Diagram:
PAD
X
Y
261.0
427.0
EL1
813.0
429.0
EL2
813.0
28.0
D1
813.0
-172.0
COIL
767.0
-381.0
143.5
-412.0
-790.0
-157.5
HON
-785.5
402.0
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
2
.
20
.
33
.
3V
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
L
I
O
C
I
+
D
D
8
25
3A
mV
N
O
H
V
=
D
D
V
3
=
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
3
.
3
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
O
H
N
O
H
f
f
o
L
E
:
W
O
L
n
o
L
E
:
H
G
I
H
5
2
.
0
-
V
D
D
5
2
.
0
-
0
V
D
D
V
5
2
.
0
V
D
D
5
2
.
0
+
V
n
o
L
E
,
t
n
e
r
r
u
C
N
O
H5
0
2
µA
V
,
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
N
O
H
V
=
D
D
V
3
=
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
18
µA
V
N
O
H
V
0
=
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
f
=
P
M
A
L
4
6
x8
.
8
2z
H
k
e
l
c
y
C
y
t
u
D
li
o
C0
9%
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
0
9A
m.
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
0
5
3
5
7
2
0
5
40
5
5
5
7
7
z
H
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
0
.
3
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
O
V
,
C
D
D
V
0
.
3
=
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
P
0
2
1
0
7
1
0
2
1
0
5
1
0
9
1V
P
P
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
2
.
2
=
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
0
.
3
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
O
V
,
C
D
D
V
0
.
3
=
V
DD
V
SS
C
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com