Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4480 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4480
Description  Dual Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4480 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4480 Datasheet HTML 1Page - Sipex Corporation SP4480 Datasheet HTML 2Page - Sipex Corporation SP4480 Datasheet HTML 3Page - Sipex Corporation SP4480 Datasheet HTML 4Page - Sipex Corporation SP4480 Datasheet HTML 5Page - Sipex Corporation SP4480 Datasheet HTML 6Page - Sipex Corporation SP4480 Datasheet HTML 7Page - Sipex Corporation SP4480 Datasheet HTML 8Page - Sipex Corporation SP4480 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SP4480DS/06
SP4480 Dual Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
5
lighting situations. These features make EL
ideal for attractive, battery powered products.
THEORY OF OPERATION
Coil Switch
The SP4480 has an inductor-based boost con-
verter to generate the high voltage used to drive
the EL lamp. Energy is stored in the inductor
according to the equation E
L = 1/2 (LIpk
2) where
I
pk = (tON) (VBATT - VCEsat) /L. An internal oscil-
lator controls the coil switch. During the time
the coil switch is on, the coil is connected
between V
DD and the saturation voltage of the
coil switch and a magnetic field develops in the
coil. When the coil switch turns off, the switch
opens, the magnetic field collapses and the volt-
age across the coil rises. The internal diode
forward biases when the coil voltage rises above
the H-Bridge voltage and the energy enters the
EL lamp.
Each pulse increases the voltage
across the lamp in discrete steps.
As the voltage approaches its maximum, the
steps become smaller. (see figure 4).
The brightness of the EL lamp output is directly
related to energy recovery in the boost con-
verter. There are many variations among coils
such as magnetic core differences, winding dif-
ferences and parasitic capacitances. For sug-
gested coil suppliers refer to page 10.
Oscillator
The internal oscillator generates a high fre-
quency clock used by the boost converter and H-
Bridge.
An external resistor from VDD to
ROSC sets the oscillator frequency. Typically
a 402k
Ω resistor sets the frequency to 57kHz.
The high frequency clock directly controls the
coil switch. This high frequency clock is di-
vided by 128 to generate a low frequency clock
which controls the EL H-Bridge and sets the EL
lamp frequency. The oscillator has low sensi-
tivity to temperature and supply voltage varia-
tions, increasing the performance of the EL
Figure 2: Typical Application Circuit of the SP4480
ROSC
VSS
COIL
CAP
SP4480
VBATT
C1
0.1
µF
ROSC
402k
Ω
L1
470
µH
8
14
3
1
9
7
ELEN1
D1
1N4148
CINT
1800pF
VDD
EL2
EL1
EL Lamp
10
12
1nF
2
ELEN2
* optional device
EL4
EL3
13
11
EL Lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com