Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4480 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4480
Description  Dual Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4480 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4480 Datasheet HTML 1Page - Sipex Corporation SP4480 Datasheet HTML 2Page - Sipex Corporation SP4480 Datasheet HTML 3Page - Sipex Corporation SP4480 Datasheet HTML 4Page - Sipex Corporation SP4480 Datasheet HTML 5Page - Sipex Corporation SP4480 Datasheet HTML 6Page - Sipex Corporation SP4480 Datasheet HTML 7Page - Sipex Corporation SP4480 Datasheet HTML 8Page - Sipex Corporation SP4480 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SP4480DS/06
SP4480 Dual Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
1
s Backlights Keypad & LCD With A Single
El Driver
s A Single External IC Drives Dual EL
Lamps Simultaneously Or Independently
s A Single Coil Drives Both EL Lamp
s A Single Resistor Controls the Operating
Frequency
s DC-to-AC Inverter Produces Up To
200V
P-P
s Low Current Standby Mode Draws Less
Than 1
µA
DESCRIPTION
The SP4480 provides a designer with two electroluminescent lamp drivers for backlighting
solutions. The EL lamp outputs operate in opposite phase so he SP4480 device can be easily
implemented into applications driving two EL lamps simultaneously or driving double-sided,
multi-color EL lamps. The integration of a dual EL lamp driver in a cost-effective single IC
reduces component count and board space requirements. The SP4480 is ideal for portable
applications such as cellular phones, pagers, PDAs, medical equipment, and other designs
with liquid crystal displays, keypads, and backlit readouts. The SP4480 operates from a
+2.2V to +6.0V source. The device features a low power standby mode which draws less than
1
µA (maximum). The frequency of the internal oscillator is set with a single external resistor.
A single inductor is required to generate the high voltage AC outputs to drive the EL lamps.
All input pins are ESD protected with internal diodes to V
DD and VSS.
ELEN1
ELEN2
ROSC
no connect
VDD
EL2
EL1
EL3
1
2
3
4
11
12
13
14
no connect
no connect
VSS
5
6
7
EL4
COIL
8
9
10
CAP
SP4480
s +2.2V to +6.0V Battery Operation
Dual Electroluminscent Lamp Driver
SP4480


Similar Part No. - SP4480

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP44-6 SIPAT-SP44-6 Datasheet
139Kb / 3P
44MHz SAW Filter 6MHz Bandwidth
SP44-8 SIPAT-SP44-8 Datasheet
42Kb / 1P
SAW Filter Electrical Characteristic
logo
SamHop Microelectronics...
SP4400 SAMHOP-SP4400 Datasheet
132Kb / 11P
Dual N-Channel Enhancement Mode Field Effect Transistor
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
More results

Similar Description - SP4480

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
logo
Sipex Corporation
SP4424 SIPEX-SP4424 Datasheet
119Kb / 12P
Electroluminescent Lamp Driver Dual Oscillators
SP4490 SIPEX-SP4490 Datasheet
163Kb / 12P
Two Panel Electroluminscent Lamp Driver
SP4491 SIPEX-SP4491 Datasheet
155Kb / 13P
Two Panel Electroluminscent Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
Supertex, Inc
HV831 SUTEX-HV831 Datasheet
529Kb / 8P
High Voltage Dual EL Lamp Driver
HV839 SUTEX-HV839 Datasheet
352Kb / 9P
High Voltage Dual EL Lamp Driver
HV841 SUTEX-HV841 Datasheet
302Kb / 7P
High Voltage Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com