Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4480 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4480
Description  Dual Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4480 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP4480 Datasheet HTML 3Page - Sipex Corporation SP4480 Datasheet HTML 4Page - Sipex Corporation SP4480 Datasheet HTML 5Page - Sipex Corporation SP4480 Datasheet HTML 6Page - Sipex Corporation SP4480 Datasheet HTML 7Page - Sipex Corporation SP4480 Datasheet HTML 8Page - Sipex Corporation SP4480 Datasheet HTML 9Page - Sipex Corporation SP4480 Datasheet HTML 10Page - Sipex Corporation SP4480 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SP4480DS/06
SP4480 Dual Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
7
Printed Circuit Board Layout Sugges-
tions
The EL driver's high-frequency operation makes
PCB layout important for minimizing electrical
noise. Keep the IC's GND pin and the ground
leads of C1 and C
INT less than 0.2in (5mm) apart.
Also keep the connections to the COIL pin as
short as possible. To maximize output power
and efficiency and minimize output ripple volt-
age, use a ground plane and solder the IC's VSS
pin directly to the ground plane.
EL Lamp Driver Design Challenges
There are many variables which can be opti-
mized for specific applications. The amount of
light emitted is a function of the voltage applied
to the lamp, the frequency at which is applied,
the lamp material, the lamp size, and the induc-
tor used. Sipex supplies characterization charts
to aid the designer in selecting the optimum
circuit configuration.
Sipex will perform customer application evalu-
ations, using the customer's actual EL lamp to
determine the optimum operating conditions for
specific applications. For customers consider-
ing an EL backlighting solution for the first
time, Sipex is able to provide retrofits to non-
backlit products for a thorough electrical and
cosmetic evaluation. Please contact your local
Sipex sales Representative or the Sipex factory
directly to initiate this valuable service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com