Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV831 Datasheet (PDF) - Supertex, Inc

HV831 Datasheet PDF - Supertex, Inc
Part # HV831
Download  HV831 Download
File Size   529.6 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Dual EL Lamp Driver

HV831 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV831 Datasheet PDF - Supertex, Inc

Part # HV831
Download  HV831 Click to download

File Size   529.6 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage Dual EL Lamp Driver

HV831 Datasheet (HTML) - Supertex, Inc


HV831 Product details

General Description
The Supertex HV831 is a high voltage driver designed for driving two EL lamps with a combined area of 3.5 square inches. The input supply voltage range is from 2.0V to 5.0V. The device is designed to reduce the amount of audible noise emitted by the lamp. This device uses a single inductor and minimum number of passive components to drive two EL lamps. The nominal regulated output voltage of ±80V is applied to the EL lamps.

Features
❐ Independent input control for lamp selection
❐ Split supply capability
❐ Patented output timing
❐ One miniature inductor to power both lamps
❐ Low shutdown current
❐ Wide input voltage range 2.0V to 5.0V
❐ Output voltage regulation
❐ No SCR output
❐ Available in 10 - pin MSOP package

Applications
❐ Mobile cellular phones, dual display
❐ Keypad and LCD backlighting
❐ Portable instrumentation
❐ Dual segment lamps
❐ Hand held wireless communication devices




Similar Part No. - HV831

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830 SUTEX-HV830 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG SUTEX-HV830LG Datasheet
306Kb / 4P
High Voltage EL Lamp Driver
HV830LG SUTEX-HV830LG Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
More results


Similar Description - HV831

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV839 SUTEX-HV839 Datasheet
352Kb / 9P
High Voltage Dual EL Lamp Driver
HV841 SUTEX-HV841 Datasheet
302Kb / 7P
High Voltage Dual EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com