Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4491 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4491
Description  Two Panel Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4491 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4491 Datasheet HTML 5Page - Sipex Corporation SP4491 Datasheet HTML 6Page - Sipex Corporation SP4491 Datasheet HTML 7Page - Sipex Corporation SP4491 Datasheet HTML 8Page - Sipex Corporation SP4491 Datasheet HTML 9Page - Sipex Corporation SP4491 Datasheet HTML 10Page - Sipex Corporation SP4491 Datasheet HTML 11Page - Sipex Corporation SP4491 Datasheet HTML 12Page - Sipex Corporation SP4491 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 12/19/00
SP4491 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
9
PERFORMANCE CHARACTERISTICS
Figure 5
0
5
10
15
20
25
30
35
40
45
50
50
150
250
350
450
550
Resistance (kOhm)
0
5
10
15
20
25
50
150
250
350
450
550
Resistance (kOhm)
20
22
24
26
28
30
32
34
36
38
40
0.5
1
1.5
2
2.5
3
3.5
Lamp Size (in2)
140
150
160
170
180
190
200
210
220
230
240
0.5
1
1.5
2
2.5
3
3.5
Lamp Size (in2)
Supply Current vs Rosc
Vdd = 3V, L = 470uH
Luminance vs Rosc
Vdd = 3V, L = 470uH
Figure 7
Lamp Frequency vs. Rosc
Vdd = 3V, L = 470uH
Output Voltage vs. Rosc
Vdd = 3V, L = 470uH
Figure 8
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com