Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4491 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4491
Description  Two Panel Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4491 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4491 Datasheet HTML 1Page - Sipex Corporation SP4491 Datasheet HTML 2Page - Sipex Corporation SP4491 Datasheet HTML 3Page - Sipex Corporation SP4491 Datasheet HTML 4Page - Sipex Corporation SP4491 Datasheet HTML 5Page - Sipex Corporation SP4491 Datasheet HTML 6Page - Sipex Corporation SP4491 Datasheet HTML 7Page - Sipex Corporation SP4491 Datasheet HTML 8Page - Sipex Corporation SP4491 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 12/19/00
SP4491 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
5
DESCRIPTION
The SP4491 electroluminescent lamp driver pro-
vides designers of cell phones, PDA's and other
handheld, portable electronic devices with an
integrated solution for driving two EL lamps
independently or stimultaneously. The SP4491
reduces system cost, component count and board
space requirements over a discrete 2 EL driver
approach. The EL lamps operate in opposite
phase so the SP4491 can be easily implemented
in applications driving multi-color or multi-seg-
ment EL lamps. The SP4491 operates from a
+2.2V to +6.0V battery source.
The device
features a low power standby mode that draws
less than 1
µA. The frequency of the internal
oscillator is set using a single external resistor. A
single external inductor is required to generate
the high voltage AC outputs to drive the EL
lamps. All input pins are ESD protected with
internal diodes to V
DD and VSS.
The SP4491 contains a DC-AC inverter that can
produce an AC output of 180V
PP (typical) from
a 3.0V input voltage. An internal block diagram
of the SP4491 can be found in Figure 1.
Electroluminescent Technology
An EL lamp consists of a thin layer of phospho-
rous material sandwiched between two strips of
plastic which emits light (flouresces) when a
high voltage AC signal is applied across it. It
behaves primarily as a capacitive load. Long
periods of DC voltage applied to the material
tend to reduce its lifetime. With these conditions
in mind, the ideal signal to drive an EL lamp is a
high voltage sine wave. Traditional approaches
to achieve this type of waveform include discrete
circuits incorporating a transformer, transistors
and several resistors and capacitors.
This approach is large and bulky and cannot be
implemented in most handheld equipment. Sipex
offers low power single chip driver circuits spe-
cifically designed to drive small to medium sized
electroluminescent panels. Sipex EL drivers
provide a differential AC voltage without a DC
offset to maximize EL lamp lifetime. The only
additional components required for the EL driver
circuitry are an inductor, resistor and capacitor.
Figure 2: Typical Application Circuit of SP4491
ROSC
VSS
COIL
CAP
SP4491
VBATT
C1
0.1
µF
ROSC
464k
Ω
L1
470
µH
6
2
3
1
7
5
ELEN1
D1
1N4148
CINT
1800pF
VDD
ELcommon
EL1
EL Lamp
9
10
C2*
1nF
4
ELEN2
* optional device
EL2
8
EL Lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com