Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4491 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4491
Description  Two Panel Electroluminscent Lamp Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4491 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4491 Datasheet HTML 1Page - Sipex Corporation SP4491 Datasheet HTML 2Page - Sipex Corporation SP4491 Datasheet HTML 3Page - Sipex Corporation SP4491 Datasheet HTML 4Page - Sipex Corporation SP4491 Datasheet HTML 5Page - Sipex Corporation SP4491 Datasheet HTML 6Page - Sipex Corporation SP4491 Datasheet HTML 7Page - Sipex Corporation SP4491 Datasheet HTML 8Page - Sipex Corporation SP4491 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev. 12/19/00
SP4491 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
3
PIN ASSIGNMENTS
Pin 1 — ELEN1 — Electroluminescent Lamp
Enable Control Line 1. This is a control line
to enable a single or dual EL lamp output.
Refer to Table 1 for the control logic.
Pin 2 — V
DD — Positive Battery Power Supply.
Connect such that +2.636V < V
DD < +3.15V.
Pin 3 — R
OSC — Oscillator Resistor. Connecting
a resistor between this input pin andV
DD sets
the frequency of the internal clock.
Pin 4 — ELEN2 — Electroluminescent Lamp
Enable Control Line 2. This a control line to
enable a single or dual EL lamp output. Refer
to Table 1 for the control logic.
Pin 5 — V
SS — Power Supply Common. Con-
nect to the lowest circuit potential, typically
ground.
Pin 6 — COIL — Coil. The inductor for the
boost converter is connected from V
BATT to
this input pin.
Pin 7 — CAP — Integrator Capacitor.
An
integrating capacitor
(1800pF typically)
connected from this pin to ground filters out
any coil switching spikes or ripple present in
the output waveform to the EL lamps. Con-
necting a fast recovery diode from COIL to
CAP increases the light output of the EL
lamp.
Pin 8 — EL COMMON — Electroluminescent
Common. This is a high voltage lamp driver
output pin common to both EL lamps.
Pin 9 — EL2 — Electroluminescent Lamp Out-
put 2. This is a high voltage lamp driver
output pin connect to the second EL lamp.
Pin 10 — EL1 — Electroluminescent Lamp
Output 1. This is a high voltage lamp driver
output pin to connect to the first EL lamp.
PINOUT
ROSC
VDD
ELcommon
EL1
1
2
3
4
7
8
9
10
VSS
5
EL2
COIL
6
CAP
SP4491
ELEN1
ELEN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com