Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP488E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP488E
Description  Enhanced Quad RS-485/RS-422 Line Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488E Datasheet(HTML) 2 Page - Sipex Corporation

  SP488E Datasheet HTML 1Page - Sipex Corporation SP488E Datasheet HTML 2Page - Sipex Corporation SP488E Datasheet HTML 3Page - Sipex Corporation SP488E Datasheet HTML 4Page - Sipex Corporation SP488E Datasheet HTML 5Page - Sipex Corporation SP488E Datasheet HTML 6Page - Sipex Corporation SP488E Datasheet HTML 7Page - Sipex Corporation SP488E Datasheet HTML 8Page - Sipex Corporation SP488E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SP488E/489EDS/07
SP488E/489E Enhanced Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional
operation of the device at these or any other above
those indicated in the operation sections of the
specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability.
V
CC .................................................................. +7V
Input Voltages
Logic .................................... –0.5V to (V
CC +0.5V)
Receiver ..................................................... +14V
Receiver Output Voltage ........ –0.5V to (V
CC +0.5V)
Input Currents
Logic ........................................................ +25mA
Storage Temperature ................. –65
°C to +150°C
Power Dissipation
Plastic DIP .............................................. 375mW
(derate 7mW/
°C above +70°C)
Small Outline .......................................... 375mW
(derate 7mW/
°C above +70°C)
Lead Temperature (soldering, 10 sec) ......... 300
°C
SPECIFICATIONS
V
CC = 5V±5%; typicals at 25°C; TMIN ≤ TA ≤ TMAX unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DC CHARACTERISTICS
Digital Inputs
EN, EN, EN
1/EN2, EN3/EN4
Voltage
V
IL
0.8
Volts
V
IH
2.0
Volts
Input Current
+2
µA
0V
≤ V
IN
≤ V
CC
RECEIVER INPUTS
Input Resistance
12
kOhm
–7V
≤ V
CM ≤ 12V
Differential Input Threshold
–0.2
+0.2
Volts
–7V
≤ V
CM ≤ 12V
Input Current (A, B)
V
CC = 0V or 5.25V; IIN2
+1.0
mA
V
IN = +12V
–0.8
mA
V
IN = –7V
Maximum Data Rate
10
Mbps
RECEIVER OUTPUTS
Output Voltage
V
OH
3.5
V
I
O = –4mA; VID = +0.2V
V
OL
0.4
V
I
O = +4mA; VID = –0.2V
High Impedance Output Current
+1
µA
0.4V
≤ V
O ≤ 2.4V,
EN = O, EN = 1,
EN
1 / EN2 = EN3 / EN4 = O
POWER REQUIREMENTS
Supply Voltage
4.75
5.00
5.25
Volts
Supply Current
1
5
mA
No load
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
–C
0
+70
°C
–E
–40
+85
°C
Storage Temperature
–65
+150
°C
Package
–_P
16–pin Plastic DIP
–_T
16–pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com