Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP488E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP488E
Description  Enhanced Quad RS-485/RS-422 Line Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488E Datasheet(HTML) 1 Page - Sipex Corporation

  SP488E Datasheet HTML 1Page - Sipex Corporation SP488E Datasheet HTML 2Page - Sipex Corporation SP488E Datasheet HTML 3Page - Sipex Corporation SP488E Datasheet HTML 4Page - Sipex Corporation SP488E Datasheet HTML 5Page - Sipex Corporation SP488E Datasheet HTML 6Page - Sipex Corporation SP488E Datasheet HTML 7Page - Sipex Corporation SP488E Datasheet HTML 8Page - Sipex Corporation SP488E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SP488E/489EDS/07
SP488E/489E Enhanced Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
s RS-485 or RS-422 Applications
s Quad Differential Line Receivers
s Receiver Output Disable
s –7V to +12V Common Mode Input Range
s 1mA Supply Current
s Single +5V Supply Operation
s Superior Drop-in Replacement for
SN75173, SN75175, LTC488 and LTC489
s Improved ESD Specifications:
+15kV Human Body Model
+15kV IEC1000-4-2 Air Discharge
+8kV IEC1000-4-2 Contact Discharge
DESCRIPTION…
The SP488E and SP489E are low-power quad differential line receivers that meet the
specifications of RS-485 and RS-422 serial protocols with enhanced ESD performance. The
ESD tolerance has been improved on these devices to over +15kV for both Human Body
Model and IEC1000-4-2 Air Discharge Method. These devices are superior drop-in replace-
ments to Sipex's SP488 and SP489 devices as well as popular industry standards. As with
the original versions, the SP488E features a common receiver enable control and the
SP489E provides independent receiver enable controls for each pair of receivers. Both
feature wide common-mode input ranges. The receivers have a fail-safe features which
forces a logic "1" output when receiver inputs are left floating. Both are available in 16-pin
plastic DIP and SOIC packages.
SP488E and SP489E
Enhanced Quad RS-485/RS-422 Line Receivers
SP488E
RI1B
RI1A
RO1
EN
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
SP489E
RI1B
RI1A
RO1
EN1/EN2
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN3/EN4
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
®


Similar Part No. - SP488E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP488ECP SIPEX-SP488ECP Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP488ECT SIPEX-SP488ECT Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP488EEP SIPEX-SP488EEP Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP488EET SIPEX-SP488EET Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
More results

Similar Description - SP488E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com