Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP488E Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP488E
Description  Enhanced Quad RS-485/RS-422 Line Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488E Datasheet(HTML) 3 Page - Sipex Corporation

  SP488E Datasheet HTML 1Page - Sipex Corporation SP488E Datasheet HTML 2Page - Sipex Corporation SP488E Datasheet HTML 3Page - Sipex Corporation SP488E Datasheet HTML 4Page - Sipex Corporation SP488E Datasheet HTML 5Page - Sipex Corporation SP488E Datasheet HTML 6Page - Sipex Corporation SP488E Datasheet HTML 7Page - Sipex Corporation SP488E Datasheet HTML 8Page - Sipex Corporation SP488E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SP488E/489EDS/07
SP488E/489E Enhanced Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
A
B
54
100pF
DI
1/4 SP486E
1/4 SP488E
100pF EN
EN
ROn
DRIVER
RCVR
CL
Figure 1. Timing Test Circuit
S1
RCVR
S2
VCC
1k
CL
1k
Figure 2. Enable/Disable Timing Test Circuit
Pin 6 — RI
2A — Receiver 2 input A.
Pin 7 — RI
2B — Receiver 2 input B.
Pin 8 — GND — Digital Ground.
Pin 9 — RI
3B — Receiver 3 input B.
Pin 10 — RI
3A — Receiver 3 input A.
Pin 11 — RO
3 — Receiver 3 Output — If
Receiver 3 output is enabled, if RI
3A > RI3B by
200mV, Receiver 3 output is high. If Receiver 3
output is enabled, and if RI
3A < RI3B by 200mV,
Receiver 3 output is low.
Pin 12 — EN — Receiver Output Enable. Please
refer to SP488E Truth Table (1).
SP488 PINOUT
Pin 1 — RI
1B — Receiver 1 input B.
Pin 2 — RI
1A Receiver 1 input A.
Pin 3 — RO
1
Receiver 1 Output — If
Receiver 1 output is enabled, if RI
1A > RI1B by
200mV, Receiver output is high. If Receiver 1
output is enabled, and if RI
1A < RI1B by 200mV,
Receiver 1 output is low.
Pin 4 — EN — Receiver Output Enable. Please
refer to SP488E Truth Table (1).
Pin 5 — RO
2
— Receiver 2 Output —
If Receiver 2 output is enabled, if RI
2A > RI2B
by 200mV, Receiver 2 output is high. If
Receiver 2 output is enabled, and if RI
2A < RI2B
by 200mV, Receiver 2 output is low.
SP488E
RI1B
RI1A
RO1
EN
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
SP489E
RI1B
RI1A
RO1
EN1/EN2
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN3/EN4
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
PINOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com