Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM520 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # EM520
Description  GENERAL PURPOSE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

EM520 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  EM520 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd EM520 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY127M/BY133/EM513
GENERAL PURPOSE RECTIFIERS
1.0AMP SILICON RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
*
NOSFR ? M^Zjli^] Zk 6 MIY Zf] Zhhdb^] i^m^ij^ mgdkZ`^ g_ 935 mgdkj
MZobele Q^\lii^fk P^Zc Q^m^ij^ UgdkZ`^
MZobele QMR UgdkZ`^
MZobele ED Cdg\cbf` UgdkZ`^
MZobele Bm^iZ`^ GginZi] Q^\kb_b^] Dlii^fk
Zk SB @<: D
P^Zc GginZi] Rli`^ Dlii^fk =38 ej jbf`d^ aZd_ jbf^2nZm^
jlh^ibehgj^] gf iZk^] dgZ] -KFEFD M^kag].
Oh^iZkbf` Zf] RkgiZ`^ S^eh^iZkli^ QZf`^
RXMCOL
UQQM
UED
JO
JGRM
SK1SRSH
UQMR
Ugdkj
Ugdkj
Ugdkj
Behj
635
85
2;:kg06<:
Behj
5
D
TNJSR
Sphb\Zd Sa^ieZd Q^jbjkZf\^
Q + KB
:5
5
D4 V
Zk QZk^] ED Cdg\cbf` UgdkZ`^
MZobele Gldd LgZ] Q^m^ij^ Dlii^fk Bm^iZ`^1 Gldd Dp\d^
38<:r->3:ee. d^Z] d^f`ka Zk S L @<: D
UG
JQ
636
:35
85
lBehj
lBehj
MZobele ED Q^m^ij^ Dlii^fk
MZobele JfjkZfkZf^glj GginZi] UgdkZ`^ Zk 635B ED
Ugdkj
ASB @7: D
ASB @ 655 D
:55
Sphb\Zd Klf\kbgf DZhZ\bkZf\^ -Ngk^.
DK
6:
hG
CX688
FM:68
FM:6;
FM:75
6855
6;55
6=55
7555
>65
6655
6:;5
6955
6855
6;55
6=55
7555
1 of 2


Similar Part No. - EM520

ManufacturerPart #DatasheetDescription
logo
Dc Components
EM520 DCCOM-EM520 Datasheet
376Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
EM520 DCCOM-EM520 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Frontier Electronics.
EM520 FRONTIER-EM520 Datasheet
120Kb / 2P
1A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
EM520 KISEMICONDUCTOR-EM520 Datasheet
3Mb / 2P
High Voltage Glass Passivated Junction Rectifiers VOLTAGE RANGE : 2000 VOLTS
logo
Olitech Electronics Co....
EM520 OLITECH-EM520 Datasheet
337Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - EM520

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com