Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33984 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33984
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33984 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33984
TYPICAL APPLICATIONS
OUTPUT CURRENT MONITORING
Figure 12 shows the CSR0 tolerance in function to 3
previous listed contributors in comparison to the minimum
and maximum specified values.
Figure 12. CSR0 Ratio Deviation in Function All
Contributors
Lower VPWR Voltage causes more error. 9.0 V
corresponding to the worst case. Figure 13 shows the CSR0
tolerance without battery variation effect.
Figure 13. CSR0 Ratio Deviation in Function
Manufacturing and Temperature
The main contributor is the manufacturing deviation, as
described in Figure 14. At 15 A of output current, the
tolerance will be about 8.5% versus 10% when all
contributors are considered.
Figure 14. CSR0 Ratio Deviation in Function
Manufacturing
PART CALIBRATION
With a calibration strategy, the part to part contribution can
be removed.
An experiment was done on low output current values
(below 5.0 A). The relative CSR0 deviation based on only
one calibration point per output (5.0 A, VPWR=16 V at 25°C)
has been performed on 3 production lots. Those parts have
tested at initial and after High Temperature Operating Life
test in order to take into account the ageing of devices.
Table 19 summaries test results covering 99.74% of parts.
Current Recopy at Vbat=9V/16V from -40°C to
125°C
16000
17000
18000
19000
20000
21000
22000
23000
24000
10
15
20
25
Output current (A)
Spec_max
Spec_min
Average (Data)
Max(Data_9V) at 6 sigmas
Min(Data_9V) at 6 sigmas
Min(Data_16V) at 6 sigmas
Max(Data_16V) at 6 sigmas
10%
Current Recopy at Vbat=9V from -40°C to 125°C
16000
17000
18000
19000
20000
21000
22000
23000
24000
10
15
20
25
Output current (A)
Table 19. CSR0 Precision for Several Output Current
Values with One Calibration Point at 5.0 A
CSR0 ratio
Min
Max
0.5 A
-25%
25%
1.0 A
-12%
12%
2.5 A
-8.0%
8.0%
5.0 A
-5.0%
5.0%
Current Recopy at Vbat=9V at 25°C
16000
17000
18000
19000
20000
21000
22000
23000
24000
10
15
20
25
Output current (A)
Spec_max
Spec_min
Average (Data)
Max(Data) at 6 sigmas
Min(Data) at 6 sigmas
8.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com