Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33984 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33984
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33984 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33984
Rev. 14.0, 5/2012
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007-2012. All rights reserved.
Dual Intelligent High-current
Self-protected Silicon High Side
Switch (4.0 mOhm
)
The 33984 is a dual self-protected 4.0 m
Ω silicon switch used to
replace electromechanical relays, fuses, and discrete devices in
power management applications. The 33984 is designed for harsh
environments, and it includes self-recovery features. The device is
suitable for loads with high inrush current, as well as motors and all
types of resistive and inductive loads.
Programming, control and diagnostics are implemented via the
serial peripheral interface (SPI). A dedicated parallel input is available
for alternate and pulse-width modulation (PWM) control of each
output. SPI-programmable fault trip thresholds allow the device to be
adjusted for optimal performance in the application.
The 33984 is packaged in a power-enhanced 12 x 12 mm
nonleaded PQFN package with exposed tabs.
Features
• Dual 4.0 m
Ω max high side switch with parallel input or SPI control
• 6.0 V to 27 V operating voltage with standby currents < 5.0
μA
• Output current monitoring with two SPI-selectable current ratios
• SPI control of over-current limit, over-current fault blanking time,
output OFF open load detection, output ON/OFF control, watchdog
timeout, slew-rates, and fault status reporting
• SPI status reporting of over-current, open and shorted loads, over-
temperature, under-voltage and over-voltage shutdown, fail-safe
pin status, and program status
• Enhanced -16 V reverse polarity VPWR protection
Figure 1. 33984 Simplified Application Diagram
HIGH SIDE SWITCH
33984
ORDERING INFORMATION
Device
(Add R2 Suffix for
Tape and Reel)
Temperature
Range (TA)
Package
MC33984CHFK
-40 °C to 125 °C
16 PQFN
BOTTOM VIEW
FK SUFFIX
98ARL10521D
16-PIN PQFN
VDD
I/O
I/O
SO
SCLK
CS
SI
I/O
I/O
I/O
A/D
VPWR
FS
WAKE
SI
SCLK
CS
SO
RST
INO
IN1
CSNS
FSI
GND
HS1
HS0
GND
LOAD
LOAD
33984
MCU
VDD
VDD
VDD
VPWR


Similar Part No. - 33984

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33984 MOTOROLA-33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
NXP Semiconductors
33984 NXP-33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33984B FREESCALE-33984B Datasheet
1Mb / 38P
Dual Intelligent High-current
More results

Similar Description - 33984

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33988 FREESCALE-33988 Datasheet
1Mb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com