Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33984 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33984
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33984 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33984 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33984
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Control Interface
Input Logic High Voltage(13)
VIH
0.7 x VDD
–
–
V
Input Logic Low Voltage(13)
VIL
–
–
0.2 x
VDD
V
Input Logic Voltage Hysteresis(14)
VIN[0:1](HYS)
100
600
1200
mV
Input Logic Pull-down Current (SCLK, IN, SI)
IDWN
5.0
–
20
μA
RST
Input Voltage Range
VRST
4.5
5.0
5.5
V
SO, FS Tri-state Capacitance(15)
CSO
–
–
20
pF
Input Logic Pull-down Resistor (RST) and WAKE
RDWN
100
200
400
k
Ω
Input Capacitance(15)
CIN
–
4.0
12
pF
WAKE Input Clamp Voltage(16)
ICL(WAKE) < 2.5 mA
VCL(WAKE)
7.0
–
14
V
WAKE Input Forward Voltage
ICL(WAKE) = -2.5 mA
VF(WAKE)
-2.0
–
-0.3
V
SO High-state Output Voltage
IOH = 1.0 mA
VSOH
0.8 x VDD
–
–
V
FS
, SO Low-state Output Voltage
IOL = -1.6 mA
VSOL
–
0.2
0.4
V
SO Tri-state Leakage Current
CS
> 0.7 VDD
ISO(LEAK)
-5.0
0
5.0
μA
Input Logic Pull-up Current(17)
CS
, VIN[0:1] > 0.7 x VDD
IUP
5.0
–
20
μA
FSI Input Pin External Pull-down Resistance
FSI Disabled, HS[0:1] Indeterminate
FSI Enabled, HS[0:1] OFF
FSI Enabled, HS0 ON, HS1 OFF
FSI Enabled, HS[0:1] ON
RFS
RFSdis
RFSoffoff
RFSonoff
RFSonon
–
6.0
15
40
0
6.5
17
Infinite
1.0
7.0
19
–
k
Ω
Notes
13.
Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN[0:1], and WAKE input signals. The WAKE and RST
signals may be supplied by a derived voltage reference to VPWR.
14.
No hysteresis on FSI and WAKE pins. Parameter is guaranteed by processing monitoring but is not production tested.
15.
Input capacitance of SI, CS, SCLK, RST, and WAKE. This parameter is guaranteed by process monitoring but is not production tested.
16.
The current must be limited by a series resistance when using voltages > 7.0 V.
17.
Pull-up current is with CS OPEN. CS has an active internal pull-up to VDD.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5 V
≤ V
DD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com