Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IM/F Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # 73S8024RN-IM/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-IM/F Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button 73S8024RN-IM/F Datasheet HTML 12Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 13Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 14Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 15Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 16Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 17Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 18Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 19Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
73S8024RN Data Sheet
DS_8024RN_020
16
Rev. 2
12 Electrical Specification
12.1 Absolute Maximum Ratings
Operation outside these rating limits may cause permanent damage to the device. The smart card
interface pins are protected against short circuits to VCC, ground, and each other.
Parameter
Rating
Supply Voltage VDD
-0.5 to 6.0 VDC
Supply Voltage VPC
-0.5 to 6.0 VDC
Input Voltage for Digital Inputs
-0.3 to (VDD +0.5) VDC
Storage Temperature
-60 to 150°C
Pin Voltage (except card interface)
-0.3 to (VDD +0.5) VDC
Pin Voltage (card interface)
-0.3 to (VCC + 0.5) VDC
ESD Tolerance – Card interface pins
+/- 6kV
ESD Tolerance – Other pins
+/- 2kV
*Note: ESD testing on smart card pins is HBM condition, 3 pulses, each polarity referenced to ground.
Note: Smart Card pins are protected against shorts between any combinations of Smart Card pins.
12.2 Recommended Operating Conditions
Parameter
Rating
Supply Voltage VDD
2.7 to 5.5 VDC
Supply Voltage VPC
4.75 to 5.5 VDC
NDS Supply Voltage VPC
4.85 to 5.5 VDC
Ambient Operating Temperature
-40°C to +85°C
Input Voltage for Digital Inputs
0V to VDD + 0.3V
12.3 Package Thermal Parameters
Package
Rating
28 SO
44 °C / W
32QFN
47 °C / W (with bottom pad soldered)
32QFN
78 °C / W (without bottom pad soldered)
20QFN
53 °C / W (with the bottom pad soldered)
20QFN
90 °C / W (without the bottom pad soldered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com