Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IM/F Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # 73S8024RN-IM/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-IM/F Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button 73S8024RN-IM/F Datasheet HTML 13Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 14Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 15Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 16Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 17Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 18Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 19Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 20Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DS_8024RN_020
73S8024RN Data Sheet
Rev. 2
17
12.4 Smart Card Interface Requirements
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Card Power Supply (VCC) Regulator
General conditions, -40°C < T < 85°C, 4.75v < VPC < 5.5v, 2.7v < VDD < 5.5v
NDS conditions, 4.85v < VPC < 5.5v
VCC
Card supply voltage
including ripple and
noise
Inactive mode
-0.1
0.1
V
Inactive mode
ICC = 1mA
-0.1
0.4
V
Active mode; ICC <65mA; 5v
4.60
5.25
V
Active mode; ICC <65mA; 5v,
NDS condition
4.75
5.25
V
Active mode; ICC <90mA; 5v
4.55
5.25
V
Active mode; ICC <90mA; 3v
2.80
3.2
V
Active mode; single pulse of
100mA for 2µs; 5 volt, fixed load
= 25mA
4.6
5.25
V
Active mode; single pulse of
100mA for 2µs; 3v, fixed load =
25mA
2.76
3.2
V
Active mode; current pulses of
40nAs with peak |ICC | <200mA,
t <400ns; 5v
4.6
5.25
V
Active mode; current pulses of
40nAs with peak |ICC | <200mA,
t <400ns; 5v,
NDS condition
4.65
5.25
V
Active mode; current pulses of
40nAs with peak |ICC | <200mA,
t <400ns; 3v
2.76
3.2
V
VCCrip
VCC Ripple
fRIPPLE = 20K – 200MHz
350
mV
ICCmax
Card supply output
current
Static load current, VCC>4.6
65
mA
Static load current, VCC>4.55 or
2.7 volts as selected
90
mA
ICCF
ICC fault current
90
150
mA
VSR - VSF
VCC slew rate -
CF = 3.3µF on VCC
0.02
0.050
0.08
V/µs
VSRN -
VSFN
VCC slew rate
CF = 1.0µF on VCC
NDS applications
0.06
0.160
0.26
V/µs
CF
External filter capacitor
(VCC to GND)
CF should be ceramic with low
ESR (<100mΩ).
1
3.3
5
µ
F
CFNDS
External filter capacitor
(VCC to GND)
NDS applications
CF should be ceramic with low ESR
(<100mΩ).
0.5
1.0
1.5
µ
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com