Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-IM/F Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # 73S8024RN-IM/F
Description  Low-Cost Smart Card Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S8024RN-IM/F Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button 73S8024RN-IM/F Datasheet HTML 15Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 16Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 17Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 18Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 19Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 20Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 21Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 22Page - Maxim Integrated Products 73S8024RN-IM/F Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DS_8024RN_020
73S8024RN Data Sheet
Rev. 2
19
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Reset and Clock for card interface, RST, CLK
VOH
Output level, high
IOH =-200µA
0.9 VCC
VCC
V
VOL
Output level, low
IOL=200µA
0
0.3
V
VINACT
Output voltage when outside
of session
IOL = 0
0.1
V
IOL = 1mA
0.3
V
IRST_LIM
Output current limit, RST
30
mA
ICLK_LIM
Output current limit, CLK
70
mA
CLKSR3V
CLK slew rate
Vcc = 3V
0.3
V/ns
CLKSR5V
CLK slew rate
Vcc = 5V
0.5
V/ns
tR, tF
Output rise time, fall time
CL = 35pF for CLK,
10% to 90%
8
ns
CL = 200pF for RST,
10% to 90%
100
ns
δ
Duty cycle for CLK
CL =35Pf,
FCLK ≤ 20MHz
45
55
%
12.5 Characteristics: Digital Signals
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Digital I/O Except for OSC I/O
VIL
Input Low Voltage
-0.3
0.8
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VOL
Output Low Voltage
IOL = 2mA
0.45
V
VOH
Output High Voltage
IOH = -1mA
VDD - 0.45
V
ROUT
Pull-up resistor, OFF
16
21
24
kΩ
|IIL1|
Input Leakage Current
GND < VIN < VDD
-5
5
μA
Oscillator (XTALIN) I/O Parameters
VILXTAL
Input Low Voltage - XTALIN
-0.3
0.3 VDD
V
VIHXTAL
Input High Voltage - XTALIN
0.7 VDD
VDD+0.3
V
IILXTAL
Input Current -
XTALIN
GND < VIN < VDD
-30
30
μA
fMAX
Max freq. Osc or external
clock
27
MHz
δ
in
External input duty cycle limit
tR/F < 10% fIN,
45% < δCLK < 55%
48
52
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com