Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP804RCP Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP804RCP
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804RCP Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP804RCP Datasheet HTML 10Page - Sipex Corporation SP804RCP Datasheet HTML 11Page - Sipex Corporation SP804RCP Datasheet HTML 12Page - Sipex Corporation SP804RCP Datasheet HTML 13Page - Sipex Corporation SP804RCP Datasheet HTML 14Page - Sipex Corporation SP804RCP Datasheet HTML 15Page - Sipex Corporation SP804RCP Datasheet HTML 16Page - Sipex Corporation SP804RCP Datasheet HTML 17Page - Sipex Corporation SP804RCP Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
14
Switchover at V
SW (2.40V) ensures that battery-
backup mode is entered before V
OUT gets too
close to the 2.0V minimum required to reliably
retain data in CMOS RAM. Switchover at higher
V
CC voltages would decrease backup-battery
life. When V
CC recovers, switchover is deferred
until V
CC rises above the reset threshold, VRST,
to ensure a stable supply. V
OUT is connected to
V
CC through a 1.5Ω PMOS power switch.
Using a High Capacity Capacitor as a
Backup Power Source
Figure 21 shows two ways to use a High Value
Capacitor as a backup power source. The High
Value Capacitor may be connected through a
diode to the 3V input as in Figure 21A or, if a
5V supply is also available, the High Value
Capacitor may be charged up to the 5V supply
as in Figure 21B allowing a longer backup
period. Since V
BATTERY can exceed VCC while VCC
is above the reset threshold, there are no
special precautions when using these
µP
supervisors with a High Value Capacitor.
Operation Without a Backup Power
Source
These
µP supervisors were designed for
battery-backed applications. If a backup power
source is not used, connect both VBATTERY
and V
OUT to VCC.
Since there is no need to
switch over to any backup power source, V
OUT
does not need to be switched. A direct connec-
tion to V
CC eliminates any voltage drops across
the switch which may push V
OUT below VCC.
Replacing the Backup Battery
If V
BATTERY is decoupled with a 0.1µF capacitor
to ground, the backup battery can be removed
while V
CC remains valid without danger of
triggering RESET/RESET. As long as V
CC
stays above V
SW, battery-backup mode cannot
be entered.
Adding Hysteresis to the Power-Fail
Comparator
The power-fail comparator has a typical input
hysteresis of 10mV. This is sufficient for most
applications where a power-supply line is being
monitored through an external voltage divider
(refer to the Monitoring an Additional Power
Supply section).
If additional noise margin is desired, connect a
resistor between PFO and PFI as shown in
Figure 22A. Select the ratio of R1 and R2 such
that PFI sees 1.25V when V
IN falls to its trip
point (V
TRIP). R3 adds the hysteresis and will
typically be more than 10 times the value of R1
or R2. The hysteresis window extends both
above (V
H) and below (VL) the original trip
point (V
TRIP).
VCC
3.0V or 3.3V
GND
VBATTERY
VOUT
CONNECT TO
STATIC RAM
TO
µP
0.1F
CONNECT
pin 7*
1N4148
VCC
3.0V or 3.3V
GND
VBATTERY
VOUT
RESET for the SP690T/S/R and the SP802T/S/R
RESET for the SP804T/S/R and the SP805T/S/R
*
CONNECT TO
STATIC RAM
TO
µP
0.1F
CONNECT
pin 7*
1N4148
+5V
Figure 21. Using a High Capacity Capacitor as a Backup Power Source
A)
B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com