Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP804RCP Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP804RCP
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804RCP Datasheet(HTML) 3 Page - Sipex Corporation

  SP804RCP Datasheet HTML 1Page - Sipex Corporation SP804RCP Datasheet HTML 2Page - Sipex Corporation SP804RCP Datasheet HTML 3Page - Sipex Corporation SP804RCP Datasheet HTML 4Page - Sipex Corporation SP804RCP Datasheet HTML 5Page - Sipex Corporation SP804RCP Datasheet HTML 6Page - Sipex Corporation SP804RCP Datasheet HTML 7Page - Sipex Corporation SP804RCP Datasheet HTML 8Page - Sipex Corporation SP804RCP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
d
l
o
h
s
e
r
h
T
t
e
s
e
R
T
S
R
8
E
T
O
N
0
0
.
3
0
0
.
3
5
8
.
2
5
8
.
2
5
5
.
2
5
5
.
2
5
7
0
.
3
5
8
0
.
3
5
2
9
.
2
5
3
9
.
2
5
2
6
.
2
5
3
6
.
2
5
1
.
3
7
1
.
3
0
0
.
3
2
0
.
3
0
7
.
2
2
7
.
2
V
V
,
T
5
0
8
/
T
0
9
6
P
S
C
C
g
n
il
l
a
f
V
,
T
5
0
8
/
T
0
9
6
P
S
C
C
g
n
i
s
i
r
V
,
S
5
0
8
/
S
0
9
6
P
S
C
C
g
n
il
l
a
f
V
,
S
5
0
8
/
S
0
9
6
P
S
C
C
g
n
i
s
i
r
V
,
R
5
0
8
/
R
0
9
6
P
S
C
C
g
n
il
l
a
f
V
,
R
5
0
8
/
R
0
9
6
P
S
C
C
g
n
i
s
i
r
0
0
.
3
0
0
.
3
8
8
.
2
8
8
.
2
9
5
.
2
9
5
.
2
5
7
0
.
3
5
8
0
.
3
5
2
9
.
2
5
3
9
.
2
5
2
6
.
2
5
3
6
.
2
2
1
.
3
4
1
.
3
0
0
.
3
2
0
.
3
0
7
.
2
2
7
.
2
V
V
,
T
4
0
8
/
T
2
0
8
P
S
C
C
g
n
il
l
a
f
V
,
T
4
0
8
/
T
2
0
8
P
S
C
C
g
n
i
s
i
r
V
,
S
4
0
8
/
S
2
0
8
P
S
C
C
g
n
il
l
a
f
V
,
S
4
0
8
/
S
2
0
8
P
S
C
C
g
n
i
s
i
r
V
,
R
4
0
8
/
R
2
0
8
P
S
C
C
g
n
il
l
a
f
V
,
R
4
0
8
/
R
2
0
8
P
S
C
C
g
n
i
s
i
r
t
e
s
e
Rt
,
d
o
i
r
e
P
t
u
o
e
m
i
T
P
W
0
4
10
0
20
8
2s
m
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
P
,
T
E
S
E
R
H
O
V
C
C
3
.
0
-V
C
C
5
1
.
0
-V
I
E
C
R
U
O
S
A
µ
0
3
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
P
,
T
E
S
E
R
L
O
6
0
.
00
3
.
0V
I
K
N
I
S
e
r
e
h
w
_
2
0
8
/
_
0
9
6
P
S
,
A
m
2
.
1
=
V
C
C
V
=
T
S
R
m
u
m
i
n
i
m
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
O
F
P
,
T
E
S
E
R
L
O
3
1
.
00
3
.
0V
V
Y
R
E
T
T
A
B
V
,
V
0
=
C
C
I
,
V
0
.
1
=
K
N
I
S
A
µ
0
4
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
L
O
6
0
.
00
3
.
0V
I
K
N
I
S
e
r
e
h
w
_
5
0
8
/
_
4
0
8
P
S
,
A
m
2
.
1
=
V
C
C
V
=
T
S
R
m
u
m
i
x
a
m
,
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
T
E
S
E
R
1
1
E
T
O
N
1
-1
-
µA
V
Y
R
E
T
T
A
B
V
,
V
0
=
C
C
V
=
T
S
R
,
m
u
m
i
n
i
m
V
T
E
S
E
R
V
r
o
V
0
=
C
C
I
,
t
n
e
r
r
u
C
D
N
G
o
t
t
r
o
h
S
t
u
p
t
u
O
S
O ,
T
E
S
E
R
d
n
a
O
F
P
0
8
10
0
5
µA
V
C
C
V
,
V
3
.
3
=
H
O
V
0
=
t
,
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
D
W
2
1
.
10
6
.
14
2
.
2s
V
C
C
V
6
.
3
<
h
t
d
i
W
e
s
l
u
P
I
D
W0
0
20
4s
n
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
D
W
V
H
I
V
L
I
V
x
3
.
0
C
C
V
x
7
.
0
C
C
V
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W1
-1
0
.
01
µA
V
<
V
0
C
C
V
5
.
5
<
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
P0
0
2
.
1
5
2
2
.
1
5
2
.
1
5
2
.
1
0
0
3
.
1
5
7
2
.
1
V
V
,
_
5
0
8
/
_
0
9
6
P
S
C
C
<
V
,
V
6
.
3
I
F
P
g
n
il
l
a
f
V
,
_
4
0
8
/
_
2
0
8
P
S
C
C
<
V
,
V
6
.
3
I
F
P
g
n
il
l
a
f
t
n
e
r
r
u
C
t
u
p
n
I
I
F
P5
2
-1
0
.
05
2A
n
V
,
s
i
s
e
r
e
t
s
y
H
I
F
P
H
F
P
0
10
2V
mV
,
g
n
i
s
i
r
I
F
P
C
C
<
V
6
.
3
SPECIFICATIONS (continued)
V
CC = 3.17V to 5.50V for the SP690T/SP80_T, VCC = 3.02V to 5.50V for the SP690S/SP80_S, VCC = 2.72V to 5.50V for the SP690R/SP80_R, VBATT = 3.60V, and
T
A = TMIN to TMAX unless otherwise noted. Typical values taken at TAMB = +25
OC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com