Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP804RCP Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP804RCP
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804RCP Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP804RCP Datasheet HTML 3Page - Sipex Corporation SP804RCP Datasheet HTML 4Page - Sipex Corporation SP804RCP Datasheet HTML 5Page - Sipex Corporation SP804RCP Datasheet HTML 6Page - Sipex Corporation SP804RCP Datasheet HTML 7Page - Sipex Corporation SP804RCP Datasheet HTML 8Page - Sipex Corporation SP804RCP Datasheet HTML 9Page - Sipex Corporation SP804RCP Datasheet HTML 10Page - Sipex Corporation SP804RCP Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
TYPICAL CHARACTERISTICS (T
AMB = 25
oC, unless otherwise noted)
Figure 1. V
CC Supply Current vs. Temperature (Normal
Mode)
Figure 3. PFI Threshold vs. Temperature
Figure 2. Battery Supply Current vs. Temperature
Figure 4. V
BATTERY to VOUT ON-Resistance vs. Temperature
Figure 5. V
CC to VOUT On-Resistance vs. Temperature
Figure 6. Reset Threshold vs. Temperature
40
35
30
25
20
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (oC)
10000
1000
100
10
1
0.1
-60
-35
-10
15
40
65
90
115
140
Temperature (oC)
1.262
1.26
1.258
1.256
1.254
1.252
1.25
1.248
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (
o
C)
30
25
20
15
10
5
0
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (
o
C)
3.5
3
2.5
2
1.5
1
0.5
0
-60
-40
-20
0
20
40
60
80
100 120
140
Temperature (
o
C)
3.15
3.13
3.11
3.09
3.07
3.05
-60
-35
-10
15
40
65
90
115
140
Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com