Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1086AT Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX1086AT
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1086AT Datasheet(HTML) 1 Page - Sipex Corporation

  SPX1086AT Datasheet HTML 1Page - Sipex Corporation SPX1086AT Datasheet HTML 2Page - Sipex Corporation SPX1086AT Datasheet HTML 3Page - Sipex Corporation SPX1086AT Datasheet HTML 4Page - Sipex Corporation SPX1086AT Datasheet HTML 5Page - Sipex Corporation SPX1086AT Datasheet HTML 6Page - Sipex Corporation SPX1086AT Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 11/2/00
SPX1086
1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response
FEATURES
APPLICATIONS
• Adjustable Output Down To 1.2V
• Powering VGA & Sound Card
• Fixed Output Voltages 1.5, 2.5, 3.3, 5.0V
• Power PC Supplies
• Output Current of 1.5A
• SMPS Post-Regulator
• Low Dropout Voltage 1.1V Typ.
• High Efficiency “Green” Computer Systems
• Extremely Tight Load And Line Regulation
• High Efficiency Linear Power Supplies
• Current & Thermal Limiting
• Portable Instrumentation
• Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252
• Constant Current Regulators
• Similar To Industry Standard LT1086/LT1586
• Adjustable Power Supplies
• Battery charger
PRODUCT DESCRIPTION
The SPX1086 is a low power 1.5A adjustable and fixed voltage regulators that are very easy to use. It requires only 2 external
resistors to set the output voltage for adjustable version. The SPX1086 is designed for low voltage applications that offer lower
dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that
require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching
supplies applications. The SPX1086 features low dropout of a maximum 1.2 volts.
The SPX1086 offers full protection against over-current faults, reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into load which
increases efficiency.
The SPX1086 are offered in a 3-pin TO-220, TO-263 & TO-252 packages compatible with other 3 terminal regulators. For a 3A low
dropout regulator refer to the SPX1587 data sheet.
Front View
TO-220-3 (U)
SPX1086
1
23
ADJ/GND V
OUT
V
IN
Top View
TO-263-3 (T)
1
SPX1086
2
3
ADJ/GND V
OUT
V
IN
Front View
TO-252 (R)
ADJ/GND
V
IN
V
OUT
3
2
1
SPX1086
PIN CONNECTIONS


Similar Part No. - SPX1086AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AT-5.0 SIPEX-SPX1083AT-5.0 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU SIPEX-SPX1083AU Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU-3.3 SIPEX-SPX1083AU-3.3 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083U SIPEX-SPX1083U Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
More results

Similar Description - SPX1086AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com