Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX8863 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX8863
Description  120 mA, Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX8863 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX8863 Datasheet HTML 1Page - Sipex Corporation SPX8863 Datasheet HTML 2Page - Sipex Corporation SPX8863 Datasheet HTML 3Page - Sipex Corporation SPX8863 Datasheet HTML 4Page - Sipex Corporation SPX8863 Datasheet HTML 5Page - Sipex Corporation SPX8863 Datasheet HTML 6Page - Sipex Corporation SPX8863 Datasheet HTML 7Page - Sipex Corporation SPX8863 Datasheet HTML 8Page - Sipex Corporation SPX8863 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 10/24/00
SPX8863
120 mA, Low Dropout Voltage Regulator
(Preliminary Information)
FEATURES
APPLICATIONS
•
Low Noise Output LDO
•
PDA
•
1% Initial Accuracy At 120mA
•
Battery Powered Systems
•
Very Low Quiescent Current
•
Cellular Phone
•
Low Dropout Voltage
•
Cordless Telephones
•
Current & Thermal Limiting
•
Radio Control Systems
•
Reverse-Battery Protection
•
Portable/Palm Top/Notebook Computers
•
Wide Range of Fix Output Voltages
•
Portable Consumer Equipment
1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V, 4.5V, 5.0V, & ADJ
•
Portable Instrumentation
•
Zero Off-Mode Current
•
Bar Code Scanners
•
Small 5-Pin SOT-23
•
Pin Compatible to MAX8863
•
SMPS Post-Regulator
PRODUCT DESCRIPTION
The SPX8863 is a low-power positive voltage regulator with ultra low noise output and very low dropout voltage. In addition, this
device offers very low quiescent current of approximately 600uA at 100mA output. The SPX8863 initial tolerance is less than 1%
max and has a logic compatible ON/OFF switching input. The unique features of the SPX8863 include a reference bypass pin for the
best performance results of low noise.
This device is an excellent choice for use in battery powered applications such as cellular/ cordless telephones, radio control systems,
and portable computers. When disabled power consumption drops to nearly zero. The device also has a very low output temperature
coefficient, making it a low power voltage reference. The SPX8863 key features include protection against reversed battery, fold-back
current limiting, and automotive load dump protection.
The SPX8863 is available in many fixed voltages (1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V, 4.5V, & 5.0V) or with an adjustable output.
This device is offered in a small 5-pin SOT-23 package, providing a small footprint with all the performance features with fixed or
adjustable output.
MARKING INFORMATION
Voltage
Marking
Voltage
Marking
1.8
9WXX
4.5
A4XX
2.5
9XXX
4.70
A5XX
2.8
9YXX
5.0
A6XX
3.0
A3XX
ADJ
A7XX
3.3
A2XX
SOT-23-5 (M5)
3
2
1
Top View
SPX8863
54
SOT-23-5 (M5)
3
2
1
Top View
SPX8863
54
V
IN
GND
EN
EN
V
IN
GND
ADJ
BYP
V
OUT
V
OUT
Fixed Output Voltage
Adjustable Output Voltage
PIN CONNECTIONS


Similar Part No. - SPX8863

ManufacturerPart #DatasheetDescription
logo
StarHope
SPX SPSEMI-SPX Datasheet
835Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
SOVICO corp.
SPX-116 SOVICO-SPX-116 Datasheet
1Mb / 1P
MATRIX
2020.06
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
Robotic Finger Sensor v2
12????9
SPX-14688 SPARKFUN-SPX-14688 Datasheet
239Kb / 2P
Pressure Sensor (Qwiic) ??MS5637
12????9
SPX-14764 SPARKFUN-SPX-14764 Datasheet
262Kb / 2P
Qwiic EEPROM ??512Kbit
12????9
More results

Similar Description - SPX8863

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC2951 ETC-AMC2951 Datasheet
226Kb / 8P
100 MA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
LP2950 UTC-LP2950_05 Datasheet
95Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
100 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950 Datasheet
711Kb / 9P
100 mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com