Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX8863 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX8863
Description  120 mA, Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX8863 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX8863 Datasheet HTML 1Page - Sipex Corporation SPX8863 Datasheet HTML 2Page - Sipex Corporation SPX8863 Datasheet HTML 3Page - Sipex Corporation SPX8863 Datasheet HTML 4Page - Sipex Corporation SPX8863 Datasheet HTML 5Page - Sipex Corporation SPX8863 Datasheet HTML 6Page - Sipex Corporation SPX8863 Datasheet HTML 7Page - Sipex Corporation SPX8863 Datasheet HTML 8Page - Sipex Corporation SPX8863 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 10/24/00
SPX8863
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Power Dissipation...................................... Internally Limited
Input Voltage.................................................. +2.5V to+16V
Lead Temp. (Soldering, 5 Seconds) ............................ 260
°C
Operating Junction Temperature Range ..... -40
°C to +125°C
Operating Junction Temperature Range ..... -40
°C to +125°C
Enable Input Voltage............................................. 0V to VIN
Input Supply Voltage........................................-20V to +20V
SOT-23-5 (
θJA) ..................................................... See Note 1
Enable Input Voltage........................................-20V to +20V
ELECTRICAL CHARACTERISTICS
TJ = 25
°C, VIN = VOUT + 1V, IL = 100µA, CL = 1.0µF, and VENABLE > 2.4V. Unless otherwise specified boldface applies over the
junction temperature range
Parameter
Test Conditions
Typ
Min
Max
Units
Output Voltage Tolerance (VOUT)
IL = 100
µA
IL = 500
µA
-1
-2
+1
+2
%VNOM
Output Voltage Temperature Coef
40
ppm/
°C
Line Regulation
VIN = VOUT + 1V to 16V
VIN = VOUT + 1V to 16V
0.03
0.1
0.2
%/V
Load Regulation
IL = 0.1mA to 120mA
IL = 0.1mA to 120mA
0.1
0.2
0.5
%
IL = 100
µA
30
50
Dropout Voltage (See Note 2)
(VIN- VO)
IL = 50mA
140
190
IL = 120mA
190
260
Quiescent Current (IGND)
VENABLE < 0.6V
VENABLE < 0.25V
< 1
1
5
IL = 100
µA
80
125
Ground Pin Current
(IGND)
IL = 50 mA
350
600
IL = 120mA
950
1600
Ripple Rejection (PSRR)
55
dB
Current Limit (ILIMIT)
VOUT = 0V
360
320
mA
Output Noise (eNO)
IL = 50mA, CL = 1.0
µF
(10Hz – 100KHz)
390
µVRMS
Input Voltage Level
Logic Low (VIL)
OFF
0.6
Input Voltage Level
Logic High (VIH)
ON
2.0
ENABLE Input Current
VIL < 0.6V
VIH > 2.0V
0.01
2
2
20
µA
Note 1: The maximum allowable power dissipation is a function of maximum operating junction temperature, TJ (max), the junction to ambient thermal resistance, and
the ambient,
θJA, and the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is given:
PD (max) = (TJ(max) - TA)
θJA. Exceeding the maximum allowable power limit will result in excessive die temperature; thus, the regulator will go into thermal shutdown.
The
θJA of the SPX8863 is 220oC/W mounted on a PC board.
Note 2: Not apply to 1.8V version.
µA
mV
µA
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com