Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX8863 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX8863
Description  120 mA, Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX8863 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX8863 Datasheet HTML 1Page - Sipex Corporation SPX8863 Datasheet HTML 2Page - Sipex Corporation SPX8863 Datasheet HTML 3Page - Sipex Corporation SPX8863 Datasheet HTML 4Page - Sipex Corporation SPX8863 Datasheet HTML 5Page - Sipex Corporation SPX8863 Datasheet HTML 6Page - Sipex Corporation SPX8863 Datasheet HTML 7Page - Sipex Corporation SPX8863 Datasheet HTML 8Page - Sipex Corporation SPX8863 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 10/24/00
SPX8863
Dropout Voltage Vs. Load Current
0
50
100
150
200
0
20
40
60
80
100
120
IL ( mA)
Vin = 4.3V
Vo = 3.3V
CL = 1uF
Output Voltage Vs. Input Voltage
3.290
3.295
3.300
3.305
3.310
3.315
3.320
3.325
3.330
4
6
8
10121416
Vin (V)
3.3V Device
IL = 100uA
CL = 1uF
Output Voltage Vs. Load Current
3.300
3.302
3.304
3.306
3.308
3.310
0
20
40
60
80
100
120
IL ( mA)
3.3V Device
Vin = 4.3V
CL = 1uF
Ground Current Vs. Input Voltage
30
40
50
60
70
80
90
100
110
46
8
10
12
14
16
Vin (V)
Vo = 3.3V
IL = 100uA
CL = 1uF
Ground Current Vs. Load Current
(in Dropout)
0.00
0.50
1.00
1.50
0
20406080
100
120
IL (mA)
3.3V Device
Vin = 4.3V
CL = 1uF
Dropout Voltage Vs. Load Current
0
50
100
150
200
0
20
40
60
80
100
120
IL ( mA)
Vin = 4.3V
Vo = 3.3V
CL = 1uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com