Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431LAS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX431LAS
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LAS Datasheet(HTML) 4 Page - Sipex Corporation

  SPX431LAS Datasheet HTML 1Page - Sipex Corporation SPX431LAS Datasheet HTML 2Page - Sipex Corporation SPX431LAS Datasheet HTML 3Page - Sipex Corporation SPX431LAS Datasheet HTML 4Page - Sipex Corporation SPX431LAS Datasheet HTML 5Page - Sipex Corporation SPX431LAS Datasheet HTML 6Page - Sipex Corporation SPX431LAS Datasheet HTML 7Page - Sipex Corporation SPX431LAS Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. 10/30/00
SPX431L
TYPICAL PERFORMANCE CURVES
Low Current Operating Characteristics
900
800
700
600
500
400
300
200
100
0
-100
-200
1.0
-1.0
2.0
0
3.0
V
KA - Cathode Voltage (V)
V
KA = VREF
Temperature Range: - 0°C to 105 °C
105 °C
25 °C
-0 °C
Figure 2
V
KA - Cathode Voltage (V)
-2
-1
0
1
2
3
-100
-75
-50
-25
0
25
50
75
100
125
150
High Current Operating Characteristics
Figure 3
V
KA = VREF
Temperature Range: - 0°C to 105 °C
Off State Leakage
-60
-30
0
30
60
90
120
0.01
0.1
1
10
100
Figure 4
T
A - Ambient Temperature ( °C)
V
KA = 36V
V
REF = 0V
T
A - Ambient Temperature ( °C)
Figure 5
Reference Voltage vs. Ambient Temperature
-60
-30
0
30
60
90
120
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
V
KA = VREF
I
K = 10 mA
V
REF = 2.500 V at 25 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com