Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431LAS Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX431LAS
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LAS Datasheet(HTML) 6 Page - Sipex Corporation

  SPX431LAS Datasheet HTML 1Page - Sipex Corporation SPX431LAS Datasheet HTML 2Page - Sipex Corporation SPX431LAS Datasheet HTML 3Page - Sipex Corporation SPX431LAS Datasheet HTML 4Page - Sipex Corporation SPX431LAS Datasheet HTML 5Page - Sipex Corporation SPX431LAS Datasheet HTML 6Page - Sipex Corporation SPX431LAS Datasheet HTML 7Page - Sipex Corporation SPX431LAS Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev. 10/30/00
SPX431L
TYPICAL PERFORMANCE CURVES
Small Signal Voltage Gain vs. Frequency
Figure 11
f - Frequency (Hz)
70
20
30
40
10
50
60
1 k
10 k
100 k
1 M
10 M
0
Dynamic Output Impedance
Figure 10
f - Frequency (Hz)
100
0.1
1.0
10
1 k
10 k
100 k
1 M
10 M
0.01
9
µF
15 k
8.25 k
GND
OUT
230
Ω
I
K
Temperature Range: -0°C to 105 °C
I
K = 10 mA
T
A = 25 °C
I
K = 1 to 100 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com