Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431LAS Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX431LAS
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LAS Datasheet(HTML) 7 Page - Sipex Corporation

  SPX431LAS Datasheet HTML 1Page - Sipex Corporation SPX431LAS Datasheet HTML 2Page - Sipex Corporation SPX431LAS Datasheet HTML 3Page - Sipex Corporation SPX431LAS Datasheet HTML 4Page - Sipex Corporation SPX431LAS Datasheet HTML 5Page - Sipex Corporation SPX431LAS Datasheet HTML 6Page - Sipex Corporation SPX431LAS Datasheet HTML 7Page - Sipex Corporation SPX431LAS Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. 10/30/00
SPX431L
TYPICAL PERFORMANCE CURVES
OUT
GND
220
Ω
f
P = 100 kHz
INPUT
MONITOR
50
Ω
Pulse Response
Figure 12
t - Time (
µ
µµ
µs)
12
-1
0
1
2
3
4
5
6
11
10
9
8
7
6
5
4
3
2
1
0
150
Ω
10 k
I
K
C
L
Stability Boundary Conditions
Figure 13
C
L - Load Capacitance (pF)
OUTPUT
INPUT
107
106
105
104
103
102
101
100
0
10
20
30
40
50
60
70
80
90
100
STABILITY
REGION
T
A = 25 °C
A: V
KA = VREF
B: V
KA = 5V at IK = 10 mA
C: V
KA = 10V at IK = 10 mA
D: V
KA = 15V at IK = 10 mA
D
C
A
B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com