Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM69P735ZP3R Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM69P735ZP3R
Description  128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P735ZP3R Datasheet(HTML) 1 Page - Motorola, Inc

  MCM69P735ZP3R Datasheet HTML 1Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 2Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 3Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 4Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 5Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 6Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 7Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 8Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MCM69P735
1
MOTOROLA FAST SRAM
Product Preview
128K x 36 Bit Pipelined
BurstRAM
™ Synchronous
Fast Static RAM
The MCM69P735 is a 4M bit synchronous fast static RAM designed to provide
a burstable, high performance, secondary cache for the PowerPC
™ and other
high performance microprocessors. It is organized as 128K words of 36 bits
each. This device integrates input registers, an output register, a 2–bit address
counter, and a high speed SRAM onto a single monolithic circuit for reduced parts
count in cache data RAM applications. Synchronous design allows precise cycle
control with the use of an external clock (K).
Addresses (SA), data inputs (DQx), and all control signals except output
enable (G) and linear burst order (LBO) are clock (K) controlled through positive–
edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM69P735 (burst sequence
operates in linear or interleaved mode dependent upon the state of LBO) and
controlled by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and synchro-
nous write enable (SW) are provided to allow writes to either individual bytes or
to all bytes. The four bytes are designated as “a”, “b”, “c”, and “d”. SBa controls
DQa, SBb controls DQb, etc. Individual bytes are written if the selected byte
writes SBx are asserted with SW. All bytes are written if either SGW is asserted
or if all SBx and SW are asserted.
For read cycles, pipelined SRAMs output data is temporarily stored by an
edge–triggered output register and then released to the output buffers at the next
rising edge of clock (K).
The MCM69P735 operates from a 3.3 V core power supply and all outputs
operate on a 3.3 V or 2.5 V power supply. All inputs and outputs are JEDEC stan-
dard JESD8–5 compatible.
• MCM69P735 Speed Options
Speed
tKHKH
Pipelined
tKHQV
Setup
Hold
IDD
Pkg
200 MHz
5 ns
2.5 ns
0.5 ns
1 ns
475 mA
PBGA
180 MHz
5.5 ns
3.0 ns
0.5 ns
1 ns
450 mA
PBGA
166 MHz
6 ns
3.5 ns
0.5 ns
1 ns
425 mA
PBGA
• 3.3 V + 10%, – 5% Core Power Supply, Operates with a 3.3 V or 2.5 V I/O
Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA Package
BurstRAM is a trademark of Motorola, Inc.
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
This document contains information on a new product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM69P735/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM69P735
ZP PACKAGE
PBGA
CASE 999–01
6/10/97
© Motorola, Inc. 1997


Similar Part No. - MCM69P735ZP3R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736ZP4 MOTOROLA-MCM69P736ZP4 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736ZP4R MOTOROLA-MCM69P736ZP4R Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737TQ3.5 MOTOROLA-MCM69P737TQ3.5 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P735ZP3R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com