Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4071B Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL4071B
Description  Quad 2-Input OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4071B Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL4071B Datasheet HTML 1Page - System Logic Semiconductor SL4071B Datasheet HTML 2Page - System Logic Semiconductor SL4071B Datasheet HTML 3Page - System Logic Semiconductor SL4071B Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL4071B
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=VCC - 0.5V
VOUT=VCC - 1.0V
VOUT=VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -Level
Input Voltage
VOUT=0.5 V or VCC - 0.5 V
VOUT=1 V or VCC - 1 V
VOUT=1.5 V or VCC - 1.5 V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
0.25
0.5
1.0
5.0
0.25
0.5
1.0
5.0
7.5
15
30
150
µA
IOL
Minimum Output Low
(Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output High
(Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2.0
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com