Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4071B Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL4071B
Description  Quad 2-Input OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4071B Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL4071B Datasheet HTML 1Page - System Logic Semiconductor SL4071B Datasheet HTML 2Page - System Logic Semiconductor SL4071B Datasheet HTML 3Page - System Logic Semiconductor SL4071B Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL4071B
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
750
500
mW
PD
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 125°C
SOIC Package: : - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com