Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4071B Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4071B
Description  Quad 2-Input OR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4071B Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4071B Datasheet HTML 1Page - System Logic Semiconductor SL4071B Datasheet HTML 2Page - System Logic Semiconductor SL4071B Datasheet HTML 3Page - System Logic Semiconductor SL4071B Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SL4071B
System Logic
Semiconductor
SLS
Quad 2-Input OR Gate
High-Voltage Silicon-Gate CMOS
The SL4071B OR gates provide the system designer wich direct
emplementation of the positive-logic OR function.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4071BN Plastic
SL4071BD SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H


Similar Part No. - SL4071B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SL40 RECTRON-SL40 Datasheet
278Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weller Tools
SL40 WELLER-SL40 Datasheet
1Mb / 4P
1000 Volt Series Screwdrivers and Pliers
03.08
logo
System Logic Semiconduc...
SL4001B SLS-SL4001B Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
SL4001BD SLS-SL4001BD Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
SL4001BN SLS-SL4001BN Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
More results

Similar Description - SL4071B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com