Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29972AXIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY29972AXIT
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AXIT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY29972AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 9Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 10Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 11Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *E
Page 8 of 13
DC Parameters
VDD = 2.9 V to 3.6 V, VDDC = 3.3 V ± 10%, TA = –40 °C to +85 °C
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low voltage
VSS
–0.8
V
VIH
Input High voltage
2.0
–
VDD
V
IIL
Input Low current [6]
–
–
–120
µA
IIH
Input High current
–
–
10
µA
VOL
Output Low voltage [7]
IOL = 20 mA
–
–
0.5
V
VOH
Output High voltage [7]
IOH = –20 mA
2.4
–
–
V
IDDQ
Quiescent supply current
–
10
15
mA
IDDA
PLL supply current
VDD only
–
15
20
mA
IDD
Dynamic supply current
QA and QB at 60 MHz, QC at 120 MHz, CL = 30 pF
–
225
–
mA
QA and QB at 25 MHz, QC at 50 MHz, CL = 30 pF
–
125
–
CIN
Input pin capacitance
–
4
–
pF
AC Parameters
VDD = 2.9 V to 3.6 V, VDDC = 3.3 V ±10%, TA = –40 °C to +85 °C
Parameter [8]
Description
Conditions
Min
Typ
Max
Unit
TR / TF
TCLK input rise/fall
–
–
3.0
ns
FREF
Reference input frequency
Note 9
–
Note 9
MHz
FXTAL
Crystal Oscillator Frequency
see Table 3 on page 7
10
–
25
MHz
FREFDC
Reference input duty cycle
25
–
75
%
FVCO
PLL VCO lock range
200
–
480
MHz
tLOCK
Maximum PLL lock time
–
–
10
ms
tR / tF
Output clocks rise / fall time [10]
0.8 V to 2.0 V
0.15
–
1.2
ns
FOUT
Maximum Output Frequency
Q (³2)
–
–
125
MHz
Q (³4)
–
–
120
Q (³6)
–
–
80
Q (³8)
–
–
60
FOUTDC
Output duty cycle [10]
TCYCLE/2 – 750
–
TCYCLE/2 + 750 ps
tPZL, tPZH
Output enable time [10] (all outputs)
2
–
10
ns
tPLZ, tPHZ
Output disable time [10] (all outputs)
2
–
8
ns
TCCJ
Cycle to cycle jitter [10] (peak to peak)
–
±
100
–
ps
TSKEW
Any output to any output skew [10, 11]
–250
350
ps
TPD
Propagation delay [11, 12]
TCLK0
QFB = (³8)
–270
130
530
ps
TCLK1
–330
70
470
Notes
6. Inputs have pull-up/pull-down resistors that effect input current.
7. Driving series or parallel terminated 50
 (or 50  to VDD/2) transmission lines.
8. Parameters are guaranteed by design and characterization. Not 100% tested in production.
9. Maximum and minimum input reference is limited by VC0 lock range.
10. Outputs loaded with 30 pF each.
11. 50
 transmission line terminated into VDD/2.
12. Tpd is specified for a 50-MHz input reference. Tpd does not include jitter.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com