Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29972AXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29972AXIT
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29972AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY29972
3.3 V, 125-MHz Multi-Output
Zero Delay Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07290 Rev. *E
Revised October 11, 2011
3.3 V, 125-MHz Multi-Output Zero Delay Buffer
Features
■ Output frequency up to 125 MHz
■ 12 Clock outputs: frequency configurable
■ 350 ps max. output-to-output skew
■ Configurable output disable
■ Two reference clock inputs for dynamic toggling
■ Oscillator or crystal reference input
■ Spread-spectrum-compatible
■ Glitch-free output clocks transitioning
■ 3.3 V power supply
■ Pin-compatible with MPC972
■ Industrial temperature range: –40 °C to +85 °C
■ 52-pin thin quad flat package (TQFP) package
Table 1. Frequency Table [1]
VC0_SEL
FB_SEL2
FB_SEL1
FB_SEL0
FVC0
0
000
8x
0
001
12x
0
010
16x
0
011
20x
0
100
16x
0
101
24x
0
110
32x
0
111
40x
1
000
4x
1
001
6x
1
010
8x
1
011
10x
1
100
8x
1
101
12x
1
110
16x
1
111
20x
Block Diagram
REF_SEL
0
1
0
1
Phase
Detector
VCO
LPF
Sync
Frz
D Q
QA0
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
0
1
/2
Power-On
Reset
Output Disable
Circuitry
Data Generator
/4, /6, /8, /12
/4, /6, /8, /10
/2, /4, /6, /8
/4, /6, /8, /10
Sync Pulse
XIN
XOUT
TCLK0
TCLK1
TCLK_SEL
FB_IN
FB_SEL2
MR#/OE
SELA(0,1)
2
SELB(0,1)
2
SELC(0,1)
2
FB_SEL(0,1)
2
SCLK
SDATA
INV_CLK
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QC2
QC3
FB_OUT
SYNC
12
VCO_SEL
PLL_EN
Note
1. x = the reference input frequency, 200 MHz < FVCO < 480 MHz.
[+] Feedback


Similar Part No. - CY29972AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29972AXIT CYPRESS-CY29972AXIT Datasheet
85Kb / 8P
3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29972AXIT CYPRESS-CY29972AXIT Datasheet
370Kb / 13P
3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
More results

Similar Description - CY29972AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
3.3V, 125-MHz Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com