Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29972AXIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY29972AXIT
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AXIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY29972AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 9Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 10Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 11Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 12Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *E
Page 10 of 13
Package Diagram
Figure 2. 52-pin TQFP (10 × 10 × 1.4 mm) A52SA Package Outline, 51-85131
51-85131 *B
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com