Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29973AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29973AXI
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY29973AXI Datasheet HTML 2Page - Cypress Semiconductor CY29973AXI Datasheet HTML 3Page - Cypress Semiconductor CY29973AXI Datasheet HTML 4Page - Cypress Semiconductor CY29973AXI Datasheet HTML 5Page - Cypress Semiconductor CY29973AXI Datasheet HTML 6Page - Cypress Semiconductor CY29973AXI Datasheet HTML 7Page - Cypress Semiconductor CY29973AXI Datasheet HTML 8Page - Cypress Semiconductor CY29973AXI Datasheet HTML 9Page - Cypress Semiconductor CY29973AXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY29973
Document Number: 38-07291 Rev. *E
Page 7 of 10
IDD
Dynamic Supply Current
QA and QB at 60 MHz,
QC at 120 MHz, CL=30 pF
–225
–
mA
QA and QB at 25 MHz,
QC at 50 MHz, CL=30 pF
–125
–
Cin
Input Pin Capacitance
–
4
–
pF
ZOUT
Output Impedance
15
18
22
AC Electrical Specifications
VDD = 2.9 V to 3.6 V, VDDC = 3.3 V ± 10%, TA = –40 C to +85 C [7]
Parameter
Description
Conditions
Min
Typ.
Max
Unit
Tr/Tf
TCLK Input Rise or Fall
–
3.0
ns
Fref
Reference Input Frequency
Note 8
–
Note 8
MHz
FrefDC
Reference Input Duty Cycle
25
–
75
%
Fvco
PLL VCO Lock Range
200
–
480
MHz
Tlock
Maximum PLL lock Time
–
–
10
ms
Tr/Tf
Output Clocks Rise or Fall Time[9]
0.8 V to 2.0 V
0.15
–
1.2
ns
Fout
Maximum Output Frequency
Q (
2)
–
–
125
MHz
Q (
4)
–
–
120
Q (
6)
–
–
80
Q (
8)
–
–
60
FoutDC
Output Duty Cycle[9]
TCYCLE/2 – 750
–
TCYCLE/2 + 750
ps
tpZL, tpZH Output Enable Time[9](all outputs)
2–
10
ns
tpLZ, tpHZ Output Disable Time[9](all outputs)
2–
8
ns
TCCJ
Cycle to Cycle Jitter[9](peak to peak)
–±100
–
ps
TSKEW
Any Output to Any Output Skew[9, 10]
–250
350
ps
Propagation Delay[10, 11] PECL_CLK
–225
–25
175
ps
Tpd
TCLK0
QFB =(³8)
–70
130
330
TCLK1
–130
70
270
DC Electrical Specifications
VDD = 2.9 V to 3.6 V, VDDC = 3.3 V ± 10%, TA = –40 C to +85 C (continued)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Notes
7. Parameters are guaranteed by design and characterization. Not 100% tested in production.
8. Maximum and minimum input reference is limited by VC0 lock range.
9. Outputs loaded with 30pF each.
10. 50
 transmission line terminated into VDD/2.
11. Tpd is specified for a 50MHz input reference. Tpd does not include jitter.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com