Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29973AXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29973AXI
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973AXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29973AXI Datasheet HTML 1Page - Cypress Semiconductor CY29973AXI Datasheet HTML 2Page - Cypress Semiconductor CY29973AXI Datasheet HTML 3Page - Cypress Semiconductor CY29973AXI Datasheet HTML 4Page - Cypress Semiconductor CY29973AXI Datasheet HTML 5Page - Cypress Semiconductor CY29973AXI Datasheet HTML 6Page - Cypress Semiconductor CY29973AXI Datasheet HTML 7Page - Cypress Semiconductor CY29973AXI Datasheet HTML 8Page - Cypress Semiconductor CY29973AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY29973
Document Number: 38-07291 Rev. *E
Page 2 of 10
Pinouts
Logic Block Diagram
REF_SEL
0
1
0
1
Phase
Detector
VCO
LPF
Sync
Frz
D Q
QA0
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
Sync
Frz
D Q
0
1
/2
Power-On
Reset
Output Disable
Circuitry
Data Generator
/4, /6, /8, /12
/4, /6, /8, /10
/2, /4, /6, /8
/4, /6, /8, /10
Sync Pulse
PECL_CLK
PECL_CLK#
TCLK0
TCLK1
TCLK_SEL
FB_IN
FB_SEL2
MR#/OE
SELA(0,1)
2
SELB(0,1)
2
SELC(0,1)
2
FB_SEL(0,1)
2
SCLK
SDATA
INV_CLK
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QC2
QC3
FB_OUT
SYNC
12
VCO_SEL
PLL_EN
VSS
MR#/OE
SCLK
SDATA
FB_SEL2
PLL_EN
REF_SEL
TCLK_SEL
TCLK0
TCLK1
PECL_CLK
PECL_CLK#
VDD
VSS
QB0
VDDC
QB1
VSS
QB2
VDDC
QB3
FB_IN
VSS
FB_OUT
VDDC
FB_SEL0
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
CY29973
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com