Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29973AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY29973AXI
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY29973AXI Datasheet HTML 2Page - Cypress Semiconductor CY29973AXI Datasheet HTML 3Page - Cypress Semiconductor CY29973AXI Datasheet HTML 4Page - Cypress Semiconductor CY29973AXI Datasheet HTML 5Page - Cypress Semiconductor CY29973AXI Datasheet HTML 6Page - Cypress Semiconductor CY29973AXI Datasheet HTML 7Page - Cypress Semiconductor CY29973AXI Datasheet HTML 8Page - Cypress Semiconductor CY29973AXI Datasheet HTML 9Page - Cypress Semiconductor CY29973AXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY29973
Document Number: 38-07291 Rev. *E
Page 9 of 10
Acronyms
Document Conventions
Units of Measure
Acronym
Description
I/O
Input/Output
LVPECL
Low Voltage Positive/Pseudo Emitter Coupled
Logic
PECL
Positive/Pseudo Emitter Coupled Logic
PLL
phase locked loop
TQFP
thin quad flat pack
VCO
voltage-controlled oscillator
Symbol
Unit of Measure
°C
degree Celsius
Hz
Hertz
kHz
kilo Hertz
MHz
Mega Hertz
µA
micro Amperes
mA
milli Amperes
ms
milli seconds
ns
nano seconds
ohms
%
percent
µF
micro Farads
pF
pico Farads
ps
pico seconds
kV
kilo Volts
mV
milli Volts
VVolts
WWatts
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com