Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4093BN Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4093BN
Description  Quad 2-Input NAND Schmitt Triggers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4093BN Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4093BN Datasheet HTML 1Page - System Logic Semiconductor SL4093BN Datasheet HTML 2Page - System Logic Semiconductor SL4093BN Datasheet HTML 3Page - System Logic Semiconductor SL4093BN Datasheet HTML 4Page - System Logic Semiconductor SL4093BN Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL4093B
System Logic
Semiconductor
SLS
Quad 2-Input NAND Schmitt Triggers
High-Voltage Silicon-Gate CMOS
The SL4093B consists of four Schmitt-trigger circuits. Each circuit
functions as a two -input NAND gate with Schmitt-trigger action on
both inputs. The gate switches at different points for positive- and
negative- going signals. The difference between the positive voltage
(VP) and the negative voltage (VN) is defined as hysteresis voltage (VH)
(see Fig.1).
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
ORDERING INFORMATION
SL4093BN Plastic
SL4093BD SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L


Similar Part No. - SL4093BN

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SL40 RECTRON-SL40 Datasheet
278Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weller Tools
SL40 WELLER-SL40 Datasheet
1Mb / 4P
1000 Volt Series Screwdrivers and Pliers
03.08
logo
System Logic Semiconduc...
SL4001B SLS-SL4001B Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
SL4001BD SLS-SL4001BD Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
SL4001BN SLS-SL4001BN Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
More results

Similar Description - SL4093BN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
Quad. 2-input NAND Schmitt-triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
Quad. 2-input NAND Schmitt Triggers
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
Quad. 2-input NAND Schmitt-triggers
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com