Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL70D0948 Datasheet(PDF) 8 Page - System Logic Semiconductor

Part # SL70D0948
Description  48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL70D0948 Datasheet(HTML) 8 Page - System Logic Semiconductor

Back Button SL70D0948 Datasheet HTML 4Page - System Logic Semiconductor SL70D0948 Datasheet HTML 5Page - System Logic Semiconductor SL70D0948 Datasheet HTML 6Page - System Logic Semiconductor SL70D0948 Datasheet HTML 7Page - System Logic Semiconductor SL70D0948 Datasheet HTML 8Page - System Logic Semiconductor SL70D0948 Datasheet HTML 9Page - System Logic Semiconductor SL70D0948 Datasheet HTML 10Page - System Logic Semiconductor SL70D0948 Datasheet HTML 11Page - System Logic Semiconductor SL70D0948 Datasheet HTML 12Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SLS System Logic Semiconductor
SL70D0948
FUNCTION DESCRIPTION
SYSTEM INTERFACE
Chip Enable Input
The chip enable pins are /CE1 and CE2. The SL70D0948 can enable chip by /CE1=0, and CE2=1.
If the SL70D0948 is enable then it can receive signal that DIN,SHCLK and STROBE.
Output Enable Input
The SL70D0948 has output enable pin (OEB). If the OEB = 1, all output are off and if OEB = 0 then
all output pins are PWM output.
Data Input / Output
The SL70D0948 has 9bit data input pins (DIN[8:0]) and 9bit data output pins (DOUT[8:0]).
The output data is out after 48 times
SHCLK from input data. If DOUT[8:0] pins are connected
to next device DIN[8:0] pins, the first device 48bit input data can shift the next device 48bit input
data by SHCLK. It can transfer display data to serial method so it makes device to connect directly.
The 9bit LED input data are MSB first inputted. The 9bit input data are inputted 9bit LED1 and next
9bit LED2 and next
9bit LED3 …
LED48
input data by SHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com