Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL70D0948 Datasheet(PDF) 12 Page - System Logic Semiconductor

Part # SL70D0948
Description  48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL70D0948 Datasheet(HTML) 12 Page - System Logic Semiconductor

Back Button SL70D0948 Datasheet HTML 8Page - System Logic Semiconductor SL70D0948 Datasheet HTML 9Page - System Logic Semiconductor SL70D0948 Datasheet HTML 10Page - System Logic Semiconductor SL70D0948 Datasheet HTML 11Page - System Logic Semiconductor SL70D0948 Datasheet HTML 12Page - System Logic Semiconductor SL70D0948 Datasheet HTML 13Page - System Logic Semiconductor SL70D0948 Datasheet HTML 14Page - System Logic Semiconductor SL70D0948 Datasheet HTML 15Page - System Logic Semiconductor SL70D0948 Datasheet HTML 16Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SLS System Logic Semiconductor
SL70D0948
SPECIFICATIONS
CHARACTERISTIC
SYMBOL
UNIT
MAXIMUM RATINGS ( Ta = 25
o
C)
RATING
Supply Voltage
V DD
V
0 ~ 7.0
Output Voltage (LED1 ~ LED48)
V OUT
V
-0.5 ~ 17
Output Current (LED1 ~ LED48)
IOUT
mA
90
Input Voltage
V IN
V
-0.4 ~ V DD + 0.4
GND terminal Current
IGND
mA
1440
Clock Frequency
F PWM
MHz
20
Power Dissipation
P D
W
1.78
Operating Temperature
T OPR
o
C
-40 ~85
PWCLK
F SR
MHz
15
SHCLK
Storage Temperature
T STG
o
C
-55 ~ 150
CHARACTERISTIC
SYMBOL
UNIT
RECOMMANDED OPERATING CONDITION ( Ta = 25
o
C)
CONDITION
Supply Voltage
V DD
V
-
Output Voltage (LED1~48)
V OUT
V
-
Output
Current
IOUT
mA
-
Input Voltage
V IN
V
-
Clock
Frequency
F PWM
MHz
-
Power Dissipation
P D
W
-
PWCLK
MIN.
4.5
-
-
0
-
-
TYP.
5.0
-
-
-
-
-
MAX.
5.5
15.0
88
V DD
15
1.78
LED1~ 48
SHCLK
IOH
-
-
-
-1.0
IOL
-
-
-
1.0
DIN Data Setup Time
tDSU
ns
-
50
-
-
DIN Data Hold Time
tDHLD
ns
-
20
-
-
STROBE Setup Time
tSSU
ns
-
50
-
-
STROBE Hold Time
tSHLD
ns
-
20
-
-
F SR
MHz
-
SHCLK
-
-
10
Pulse Width
SHCLK, PWCLK, STROBE
tWH
ns
-
30
-
-
tWL
ns
-
30
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com