Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL70D0948 Datasheet(PDF) 13 Page - System Logic Semiconductor

Part # SL70D0948
Description  48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL70D0948 Datasheet(HTML) 13 Page - System Logic Semiconductor

Back Button SL70D0948 Datasheet HTML 9Page - System Logic Semiconductor SL70D0948 Datasheet HTML 10Page - System Logic Semiconductor SL70D0948 Datasheet HTML 11Page - System Logic Semiconductor SL70D0948 Datasheet HTML 12Page - System Logic Semiconductor SL70D0948 Datasheet HTML 13Page - System Logic Semiconductor SL70D0948 Datasheet HTML 14Page - System Logic Semiconductor SL70D0948 Datasheet HTML 15Page - System Logic Semiconductor SL70D0948 Datasheet HTML 16Page - System Logic Semiconductor SL70D0948 Datasheet HTML 17Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SLS System Logic Semiconductor
SL70D0948
CHARACTERISTIC
SYMBOL
UNIT
SWITCHING CHARACTERISTICS ( Ta = 25
o
C)
tPLH
ns
F SRMAX
F PWMAX
Data Set Up Time
tDSU
Data Hold Time
tDHLD
ns
MHz
Maximum Clock Rise Time
tR
CONDITION
MAX.
TYP.
MIN.
V DD
= 5.0V
V OUT
= 0.4V
V CON = V DD
V IH
= V DD
V IL
= GND
F PWM = 10MHz
IOUT
= 40mA
-
Propagation
Delay Time
( “L ” to “H ”)
SHCLK-DOUT
STROBE
OE
Maximum
Clock
Frequency
SHCLK
PWCLK
F STMAX
STROBE
Minimum
Pulse
Width
tWH
tWL
SHCLK
PWCLK
STROBE
Maximum Clock Fall Time
Maximum Output Rise Time
Maximum Output Fall Time
tF
tOR
tOF
us
20
50
-
50
100
-
50
100
10
15
20
15
20
30
10
15
20
-
10
20
-
10
20
-
10
20
-
15
30
-
10
15
-
-
10
-
-
10
-
50
100
-
100
200
ns
ns
DIN8~DIN0
SHCLK
DOUT8~DOUT0
TIMING WAVE FORM
DIN[8:0]
tDSU
tDHLD
tR
tF
tWH
tWL
0.1 VDD
tSSU
STROBE
tSHLD
0.9 VDD
DOUT[8:0]
tPLH
LED1 ~ LED48
OUTPUT
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com