Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3AM Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H3AM
Description  Mechatronic Analog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3AM Datasheet(HTML) 1 Page - Omron Electronics LLC

  H3AM Datasheet HTML 1Page - Omron Electronics LLC H3AM Datasheet HTML 2Page - Omron Electronics LLC H3AM Datasheet HTML 3Page - Omron Electronics LLC H3AM Datasheet HTML 4Page - Omron Electronics LLC H3AM Datasheet HTML 5Page - Omron Electronics LLC H3AM Datasheet HTML 6Page - Omron Electronics LLC H3AM Datasheet HTML 7Page - Omron Electronics LLC H3AM Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
Mechatronic Analog Timer
H3AM
Please read and understand this catalog before purchasing the
products. Please consult your OMRON representative if you have any
questions or comments. Refer to Safety Precautions on page 7.
Large Setting Dial and Moving Pointers Ideal
for Easy Operation and Monitoring
• Incorporating an easy-to-see large setting dial with moving
pointers.
• Wide time-setting range of 0.2 s to 60 h (available through three
time-range model types)
• Wide AC power supply range (100 to 240 VAC)
• IP65 watertight and dust-tight front panel.
• Approved by UL and CSA.
• Conforms to EN61812-1 and IEC60664-1
4 kV for Low Voltage, and EMC Directives.
• Conforms to EMC standards.
• Six-language instruction manual provided.
• Programmable contact enables the building of a self-holding
relay circuit as well as built-in instantaneous contact. (-NS)
• Memory retention (-NSR)
• Finger protection terminal block
• Enables easy sequence checks through instantaneous outputs
for a zero set value at any time range.
Model Number Legend
Ordering Information
■ List of Models
Note: The operation of the instantaneous contacts differs for the self-resetting and electric resetting systems. Refer to Timing Charts on page 5
for details.
H3AM - NS
12
-
3
-
1. Resetting System
None: Self-resetting
R:
Electric resetting
3. Accessory
None: Without accessory
300:
Waterproof Packing
(Y92S-35) provided
2. Time Range
A:
0.5 s to 30 h
B:
1 s to 60 h
C:
0.2 s to 12 h
Rated supply
voltage
Resetting
system
(See note.)
Control output
Time range
0.5 s to 30 h (30 s, 3 min,
30 min, 3 h, 30 h)
1 s to 60 h (60 s, 6 min,
60 min, 6 h, 60 h)
0.2 s to 12 h (12 s, 120 s,
12 min, 120 min, 12 h)
100 to 240
VAC
Self-resetting
DPDT contact output
(Time-limit output SPDT and
switchable SPDT
(time-limit
↔ instantaneous))
H3AM-NS-A
H3AM-NS-B
H3AM-NS-C
Electric
resetting
DPDT contact output
(Time-limit output SPDT and
instantaneous output SPDT)
H3AM-NSR-A
H3AM-NSR-B
H3AM-NSR-C


Similar Part No. - H3AM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H3A1 MCC-H3A1 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H3A2 MCC-H3A2 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
H3A3 MCC-H3A3 Datasheet
108Kb / 4P
500 mW Zener Diode 1.7 to 37.2 Volts
logo
fujitsu semiconductor
H3AA005V FUJITSU-H3AA005V Datasheet
514Kb / 6P
SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
H3AA009V FUJITSU-H3AA009V Datasheet
514Kb / 6P
SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
More results

Similar Description - H3AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
Rev. 2.9
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
Panasonic Semiconductor
PM4HS-H-AC240V PANASONIC-PM4HS-H-AC240V Datasheet
726Kb / 24P
MULTI-RANGE ANALOG TIMER
logo
TRINAMIC Motion Control...
TMCM-113-60-SE TRINAMIC-TMCM-113-60-SE Datasheet
1Mb / 25P
MECHATRONIC DRIVES WITH STEPPER MOTOR
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com