Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3AM Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H3AM
Description  Mechatronic Analog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3AM Datasheet(HTML) 4 Page - Omron Electronics LLC

  H3AM Datasheet HTML 1Page - Omron Electronics LLC H3AM Datasheet HTML 2Page - Omron Electronics LLC H3AM Datasheet HTML 3Page - Omron Electronics LLC H3AM Datasheet HTML 4Page - Omron Electronics LLC H3AM Datasheet HTML 5Page - Omron Electronics LLC H3AM Datasheet HTML 6Page - Omron Electronics LLC H3AM Datasheet HTML 7Page - Omron Electronics LLC H3AM Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.ia.omron.com/
4
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3AM
Nomenclature
Moving Pointer (green):
Displays remaining time.
Power Indicator
(green)
Setting pointer (orange)
Displays set value.
Time setting knob (set time)
Output Indicator (orange)
Time Unit Indicator
Instantaneous or
Time-limit Output Selector for
R2 Relay: (only for H3AM-NS-
@
models)
Default setting is time-limit output.
Time Unit Selector
(Illustrated Model: H3AM-
@@@-C)
Note: The scale goes up to "3" with the H3AM-
@-A and up to "6" with the H3AM-@-B.
Model
Applicable time unit
Full
scale
on
dial
s
10 s
min
10 min
h
10 h
H3AM-
@@@-A
H3AM-
@@@-B
H3AM-
@@@-C
3
6
12
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Applicable Time Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com