Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H3AM Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H3AM
Description  Mechatronic Analog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3AM Datasheet(HTML) 2 Page - Omron Electronics LLC

  H3AM Datasheet HTML 1Page - Omron Electronics LLC H3AM Datasheet HTML 2Page - Omron Electronics LLC H3AM Datasheet HTML 3Page - Omron Electronics LLC H3AM Datasheet HTML 4Page - Omron Electronics LLC H3AM Datasheet HTML 5Page - Omron Electronics LLC H3AM Datasheet HTML 6Page - Omron Electronics LLC H3AM Datasheet HTML 7Page - Omron Electronics LLC H3AM Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
H3AM
■ Accessory (Order Separately)
Note: Supplied with H3AM-NS
@-@-300 models.
Specifications
■ General
■ Time Ranges
Note: Instantaneous output is obtained by turning the time setting knob below "0" until the time setting knob stops.
■ Ratings
Note: The minimum applicable load:
H3AM-NS: 10 mA at 5 VDC (failure level: P, reference value)
H3AM-NSR: 100 mA at 5 VDC (failure level: P, reference value)
Item
Model
Waterproof Packing
Y92S-35 (See note.)
Operating mode
ON-delay
Screw tightening torque
0.98 N·m (10 kgf) max.
Input type
Voltage input
Output type
Relay: DPDT
Mounting method
Flush/Panel mounting, no restriction on mounting angle.
Approved standards
UL 508, CSA C22.2 No. 14
Conforms to EN61812-1, IEC60664-1 4 kV/2, VDE0106/P100
Output category according to IEC60947-5-1
Model
Full scale on
dial
Set time unit
s
10 s
min
10 min
h (hour)
10 h (hour)
H3AM-
@@@-A
3
---
0.5 to 30 s
0.05 to 3 min
0.5 to 30 min
0.05 to 3 h
0.5 to 30 h
H3AM-
@@@-B
6
---
1 to 60 s
0.1 to 6 min
1 to 60 min
0.1 to 6 h
1 to 60 h
H3AM-
@@@-C
12
0.2 to12 s
2 to 120 s
0.2 to 12 min
2 to 120 min
0.2 to 12 h
---
Rated supply voltage
100 to 240 VAC (50/60 Hz)
Operating voltage range
85% to 110% of rated supply voltage
Power reset (-NS)
Minimum power-opening time: 0.5 s
Reset input time (-NSR)
Minimum input time:
0.5 s
Reset voltage range (-NSR)
H level: 85 to 264 VAC
L level: 0 to 10 VAC
Power consumption
Approx. 9 VA (Approx. 5 W)
Control output
Contact output: 5 A at 250 VAC, resistive load (cos
φ = 1)
Ambient temperature
Operating: –10
°C to 55°C (with no icing)
Storage:
–25
°C to 65°C (with no icing)
Ambient humidity
Operating: 35% to 85%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com