Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7GP-CD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H7GP-CD
Description  Total Counter/Time Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7GP-CD Datasheet(HTML) 1 Page - Omron Electronics LLC

  H7GP-CD Datasheet HTML 1Page - Omron Electronics LLC H7GP-CD Datasheet HTML 2Page - Omron Electronics LLC H7GP-CD Datasheet HTML 3Page - Omron Electronics LLC H7GP-CD Datasheet HTML 4Page - Omron Electronics LLC H7GP-CD Datasheet HTML 5Page - Omron Electronics LLC H7GP-CD Datasheet HTML 6Page - Omron Electronics LLC H7GP-CD Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CSM_H7GP_DS_E_
4_1
1
Total Counter/Time Counter (DIN 48 x 24)
H7GP
DIN 48 x 24-mm Total Counter/Time Counter
with Easy-to-read Displays and Water and
Oil Resistance Equivalent to IP66
• High-visibility, negative transmissive LCD display with 8.5-mm-
high characters and built-in red LED backlight at low power
consumption.
• IP66 with oil resistance and NEMA 4 protection achieved by
unifying the front with the case and by using oil-resistant parts
and materials.
• Compact (80 mm) body.
• Just change a switch setting for either an NPN or PNP input.
• Supports both external resetting and manual resetting.
• Finger-protection terminal block cover prevents electrical shock
and conforms to VDE0106, Part 100.
• Certified for UL and CSA safety standards.
• Complies with EMC standards (EN 61326) and CE Marking.
Model Number Structure
■ Model Number Legend
1. Classification
C:
Total counter
T:
Time counter
2. Supply Voltage
None: 100 to 240 VAC
D:
12 to 24 VDC
3. Case Color of Front Section
None: Light gray (Munsell 5Y7/1)
B:
Black
Ordering Information
■ List of Models
Total counter
Time counter
1 2 3
H7GP-
@@@
Supply voltage
6-digit total counter
Light gray
Black
100 to 240 VAC
H7GP-C
H7GP-CB
12 to 24 VDC
H7GP-CD
H7GP-CDB
Supply voltage
6-digit time counter
Light gray
Black
100 to 240 VAC
H7GP-T
H7GP-TB
12 to 24 VDC
H7GP-TD
H7GP-TDB


Similar Part No. - H7GP-CD

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
H7G0.75CH BELDEN-H7G0.75CH Datasheet
145Kb / 2P
MachFlex™ 610CH, 61G C 0.75mm² Str BC, LSZH Ins, LSZH Inner Jkt, TCBS, LSZH Outer Jkt, UL AWM Style 21115
07-15-2024
H7G0.75CH0031000M BELDEN-H7G0.75CH0031000M Datasheet
145Kb / 2P
MachFlex™ 610CH, 61G C 0.75mm² Str BC, LSZH Ins, LSZH Inner Jkt, TCBS, LSZH Outer Jkt, UL AWM Style 21115
07-15-2024
H7G0.75CH003200M BELDEN-H7G0.75CH003200M Datasheet
145Kb / 2P
MachFlex™ 610CH, 61G C 0.75mm² Str BC, LSZH Ins, LSZH Inner Jkt, TCBS, LSZH Outer Jkt, UL AWM Style 21115
07-15-2024
H7G0.75CH003305M BELDEN-H7G0.75CH003305M Datasheet
145Kb / 2P
MachFlex™ 610CH, 61G C 0.75mm² Str BC, LSZH Ins, LSZH Inner Jkt, TCBS, LSZH Outer Jkt, UL AWM Style 21115
07-15-2024
H7G0.75CH003500M BELDEN-H7G0.75CH003500M Datasheet
145Kb / 2P
MachFlex™ 610CH, 61G C 0.75mm² Str BC, LSZH Ins, LSZH Inner Jkt, TCBS, LSZH Outer Jkt, UL AWM Style 21115
07-15-2024
More results

Similar Description - H7GP-CD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4534B PHILIPS-HEF4534B Datasheet
128Kb / 10P
Real time 5-decade counter
January 1995
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
Parallel-Interface Elapsed Time Counter
logo
List of Unclassifed Man...
H7ET ETC-H7ET Datasheet
449Kb / 7P
Self-powered Time Counter
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
Self-powered Total Counter
logo
WAGO Kontakttechnik Gmb...
750-404-000-002 WAGO-750-404-000-002 Datasheet
551Kb / 12P
Peak Time Counter
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com