Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMSD301
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSD301 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSD301 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSD301 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSD301 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Extremely low minority carrier lifetime.
Very low capacitance.
Low reverse leakage.
Pb-Free packages are available.
Schottky barrier diodes.
Type No.
Marking
Package Code
MMSD301
XT
SOD-123
MMSD701
XH
SOD-123
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
MMSD301
MMSD701
VR
30
70
V
Forward continuous Current
IF
200
mA
Power Dissipation
Pd
225
mW
Junction temperature
Tj
-55to +125
℃
Storage temperature range
Tstg
-65to +150
℃
MMSD301/MMSD701
Schottky Barrier Diode
Features
Applications
Ordering Information
SOD-123
Dimensions in inches and (millimeters)
0.053(1.35)
Max.
0.006(0.15)
Typ. Min.
0.010(0.25)
Min.
0.004(0.10)
Max.
0.067(1.70)
0.055(1.40)
0.022(0.55)
Typ. Min.
0.152(3.85)
0.140(3.55)
0.112(2.85)
0.100(2.55)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MMSD301

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
MMSD301 BILIN-MMSD301 Datasheet
172Kb / 4P
Schottky Barrier Diode
Rev.A
logo
Diode Semiconductor Kor...
MMSD301 DSK-MMSD301 Datasheet
283Kb / 4P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
MMSD301 BILIN-MMSD301 Datasheet
358Kb / 5P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
MMSD301 AITSEMI-MMSD301 Datasheet
571Kb / 6P
SCHOTTKY DIODE REVERSE VOLTAGE 30V/70V
REV1.0
More results

Similar Description - MMSD301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com