Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-3R3LSF Datasheet(PDF) 17 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 17 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 13Page - NEC PI-3R3LSF Datasheet HTML 14Page - NEC PI-3R3LSF Datasheet HTML 15Page - NEC PI-3R3LSF Datasheet HTML 16Page - NEC PI-3R3LSF Datasheet HTML 17Page - NEC PI-3R3LSF Datasheet HTML 18Page - NEC PI-3R3LSF Datasheet HTML 19Page - NEC PI-3R3LSF Datasheet HTML 20Page - NEC PI-3R3LSF Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
Power Inductors VOL.10
17
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
T
D
I
G
F
J
J
L
Shape and Dimensions
Recommended Land Pattern
[mm]
[mm]
W
Model
C
・PI-1050 Series
C
・PI-1250 Series
C
・PI-1350 Series
C
・PI-1365 Series
10.4
13.3
14.0
14.0
D
10.0
12.5
13.5
13.5
C
6.0
8.3
8.5
8.5
J
Model
C
・PI-1050 Series
C
・PI-1250 Series
C
・PI-1350 Series
C
・PI-1365 Series
3.5
4.0
4.0
4.0
K
10.1
11.8
12.3
12.3
L
11.5
13.4
15.2
15.2
T
5.0 max.
5.0 max.
5.0 max.
6.5 max.
E
1.8
2.4
2.4
2.4
F
1.3
2.2
2.2
2.2
G
2.0
2.4
2.5
2.5
H
1.4
2.4
2.0
2.0
I
6.2
7.8
8.5
8.5
*1 T=40K rise at rated current. *2 Inductance drop 20% at rated current.
●Operating temperature range:−20to+120℃(Includes self-temperature rise)
・ Precautions (see page 82)
Numbering System
C
・PI - 1350 - 0R7
① Series
Dimensions 13…W×D:14.0×13.5 mm  50…H:5.0 mm
Inductance 0R7…0.7μH
②
③
Large-Current Power Inductors
C
・PI Series
[RoHS Compliant]
Large-Current Power Inductors
C
・PI Series
[RoHS Compliant]
C
・PI-1050-0R6S
C
・PI-1050-1R0S
C
・PI-1050-1R6S
C
・PI-1050-2R2S
C
・PI-1050-2R7S
C
・PI-1250-0R6S
C
・PI-1350-0R7S
C
・PI-1350-1R2S
C
・PI-1365-0R7S
C
・PI-1365-1R2S
C
・PI-1365-3R0S
0.55±30%
1.0±30%
1.6±30%
2.2±30%
2.7±30%
0.55±30%
0.7±30%
1.2±30%
0.7±30%
1.2±30%
2.7±30%
1.7(1.4)
2.9(2.5)
4.0(3.5)
6.3(5.4)
12.6(10.5)
1.2(0.9)
1.5(1.3)
2.5(2.1)
1.3(1.1)
1.7(1.5)
5.7(4.75)
Model
Inductance
(μH)
at DC 0A, 100kHz
DC resistance
(mΩ)max.
Rated current(A)
19.0
16.0
13.0
11.0
9.0
25.0
24.0
19.0
26.0
24.0
13.0
17.0
15.0
13.0
12.0
10.0
26.0
30.0
17.0
30.0
25.0
13.0
Irms *1
(Ref.)
Isat *2
(Ref.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com