Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-3R3LSF Datasheet(PDF) 77 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 77 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 73Page - NEC PI-3R3LSF Datasheet HTML 74Page - NEC PI-3R3LSF Datasheet HTML 75Page - NEC PI-3R3LSF Datasheet HTML 76Page - NEC PI-3R3LSF Datasheet HTML 77Page - NEC PI-3R3LSF Datasheet HTML 78Page - NEC PI-3R3LSF Datasheet HTML 79Page - NEC PI-3R3LSF Datasheet HTML 80Page - NEC PI-3R3LSF Datasheet HTML 81Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Power Inductors VOL.10
77
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
●SSB15 Series(SSB 15-□□□)
●SSB14 Series(SSB 14-□□□)
SSB15-1R0
SSB15-1R5
SSB15-2R2
SSB15-3R3
SSB15-4R7
SSB15-6R8
SSB15-100
SSB15-150
SSB15-220
SSB15-330
SSB15-470
SSB15-680
SSB15-101
SSB15-151
SSB15-221
SSB15-331
SSB15-471
SSB15-681
SSB15-102
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
10
10
20
20
20
30
40
60
80
110
180
220
320
430
600
960
1400
2000
3000
10.00
8.80
6.40
5.90
5.00
4.30
3.40
2.70
2.20
1.80
1.40
1.20
1.00
0.87
0.71
0.55
0.45
0.36
0.29
14.00
12.30
8.90
8.20
7.00
6.00
4.70
3.70
3.00
2.50
1.90
1.60
1.40
1.20
0.99
0.77
0.63
0.50
0.40
24.50
19.60
14.00
12.20
10.80
8.90
7.00
5.70
4.90
4.00
3.20
2.70
2.20
1.80
1.40
1.20
1.00
0.85
0.71
Model
Inductance
L(μH)
at 10 kHz, 1mA
Rdc
(mΩ)
max
Rated current
(A)
ΔT=20℃
Current (Ref.)
(A)
ΔT=40℃
L change rate 10%
SSB14-1R0
SSB14-1R5
SSB14-2R2
SSB14-3R3
SSB14-4R7
SSB14-6R8
SSB14-100
SSB14-150
SSB14-220
SSB14-330
SSB14-470
SSB14-680
SSB14-101
SSB14-151
SSB14-221
SSB14-331
SSB14-471
SSB14-681
SSB14-102
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
10
20
20
30
30
40
60
100
120
170
210
300
480
710
1000
1500
2300
3400
4400
7.00
6.10
5.10
4.10
3.80
3.00
2.40
1.80
1.60
1.30
1.10
0.97
0.75
0.60
0.51
0.40
0.32
0.26
0.23
9.80
8.50
7.10
5.70
5.30
4.20
3.30
2.50
2.20
1.80
1.50
1.30
1.00
0.84
0.71
0.56
0.44
0.36
0.32
17.50
14.00
11.60
10.00
8.70
7.00
5.80
4.60
3.80
3.10
2.60
2.10
1.80
1.40
1.20
1.00
0.86
0.72
0.58
Model
Inductance
L(μH)
at 10 kHz, 1mA
Rdc
(mΩ)
max
Rated current
(A)
ΔT=20℃
Current (Ref.)
(A)
ΔT=40℃
L change rate 10%
SSB Coils
[RoHS Compliant]
SSB Coils
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com