Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-3R3LSF Datasheet(PDF) 85 Page - NEC

Part # PI-3R3LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-3R3LSF Datasheet(HTML) 85 Page - NEC

Back Button PI-3R3LSF Datasheet HTML 81Page - NEC PI-3R3LSF Datasheet HTML 82Page - NEC PI-3R3LSF Datasheet HTML 83Page - NEC PI-3R3LSF Datasheet HTML 84Page - NEC PI-3R3LSF Datasheet HTML 85Page - NEC PI-3R3LSF Datasheet HTML 86Page - NEC PI-3R3LSF Datasheet HTML 87Page - NEC PI-3R3LSF Datasheet HTML 88Page - NEC PI-3R3LSF Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
Power Inductors VOL.10
85
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
H
Shape and Dimensions
0.5
1
2
3
0.3
0.1
0.05
0.03
0.01
0
Idc (A)
0.5
2
4
6
8
10
Idc (A)
Idc (A)
5
10
7
3
1
0.5
0.3
0.2
0.1
0 0.1 0.2 0.3 0.4 0.5
1
2
3
4
5
5
10
0.7
7
3
2
1
0.5
0.3
0.2
0.1
0
0.1 0.2 0.3 0.4 0.5
1
2
3
4
SHP-053
SHP-104S
SHP-052
f=50kHz
SHP-034S
SHP-054S
SHP-033
f=50kHz
SHP-023
SHP-012
SHP-013
SHP-022
f=50kHz
DC-Superposed Characteristics
・ Parenthesized values are examples of actually measured values.
*1: Temperature rise of Idc rated.
・ Cores insulation cap: polypropylene, A type insulation
SHP Coils
[RoHS Compliant]
SHP Coils
[RoHS Compliant]
Rated current
(A)
Model
(mΩ)max.
DC resistance
D×H
(mm)max.
External dimensions
Diameter of
magnetic wire
(mmφ)
(K)
*2
Temperature rise
Solder-plated
SHP-012
SHP-022
SHP-032
SHP-052
SHP-013
SHP-023
SHP-033
SHP-053
SHP-034S
SHP-054S
SHP-104S
1
2
3
5
1
2
3
5
3
5
10
4500
1500
1120
375
9000
4500
1120
750
3750
3750
525
365
115
63
25
675
260
95
48
215
135
25
( 490)
(155)
(85)
(35)
(900)
(350)
(130)
(65)
(290)
(180)
(35)
340
110
70
30
500
190
80
50
130
85
20
ø24 18
ø24 18
ø25 19
ø27 20
ø28 19
ø29 19
ø28 18
ø29 20
ø35 21
ø36 21
ø37 23
0.5
0.7
0.8
1.0
0.5
0.7
0.8
1.0
0.8
1.0
1.6
30
30
30
30
30
30
30
30
40
40
40
Inductance
(μH)at 50kHz
min. at Idc
min. at Idc Rated *1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com